Electronic Components Datasheet Search
  English  ▼

X  

SC1146 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1146
Description  VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1146 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1146 Datasheet HTML 1Page - Semtech Corporation SC1146 Datasheet HTML 2Page - Semtech Corporation SC1146 Datasheet HTML 3Page - Semtech Corporation SC1146 Datasheet HTML 4Page - Semtech Corporation SC1146 Datasheet HTML 5Page - Semtech Corporation SC1146 Datasheet HTML 6Page - Semtech Corporation SC1146 Datasheet HTML 7Page - Semtech Corporation SC1146 Datasheet HTML 8Page - Semtech Corporation SC1146 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VRM9.0 PROGRAMMABLE, MULTI-PHASE,
HIGH PERFORMANCE PWM CONTROLLER
SC1146
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
July 25, 2000
5
The SC1146 is patent pending
OUTPUT VOLTAGE
Unless specified: 0 = GND; 1 = High (or Floating).
T
A = 25°C, VCC5V = 5V, VCC2 = 5V, 4-Phase operation.
V
CCCORE
VID4
VID3
VID2
VID1
VID0
(VDC)
1
1
1
1
1
Output Off
11
1
1
0
1.1
1
1
1
0
1
1.125
11
1
0
0
1.15
1
1
0
1
1
1.175
11
0
1
0
1.2
1
1
0
0
1
1.225
1
1
0
0
0
1.250
1
0
1
1
1
1.275
10
1
1
0
1.3
1
0
1
0
1
1.325
10
1
0
0
1.35
1
0
0
1
1
1.375
10
0
1
0
1.4
1
0
0
0
1
1.425
10
0
0
0
1.45
0
1
1
1
1
1.475
01
1
1
0
1.5
0
1
1
0
1
1.525
01
1
0
0
1.55
0
1
0
1
1
1.575
01
0
1
0
1.6
0
1
0
0
1
1.625
01
0
0
0
1.65
0
0
1
1
1
1.675
00
1
1
0
1.7
0
0
1
0
1
1.725
00
1
0
0
1.75
0
0
0
1
1
1.775
00
0
1
0
1.8
0
0
0
0
1
1.825
00
0
0
0
1.85



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com