Electronic Components Datasheet Search
  English  ▼

X  

PZT4672 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # PZT4672
Description  Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZT4672 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZT4672 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZT4672 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
PZT4672
NPN Transistor
Epitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The PZT4672 is designed for low
frequency amplifier applications.
4 6 7 2
Features
*Excellent DC Current Gain Characteristic
*Low Saturation Voltage, Typically
VCE(sat)=0.1V at IC/IB=1A/50mA
Description
Date Code
B
C
E
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC= 50
VEB=5V,IC=0
µA,IE=0
IC= 1mA,IB=0
IE= 50µA,IC=0
VCB= 60V,IE=0
IC=
VCE= V, IC=
VCE= V, IC= 500mA,f=100MHz
VCB=10 , f=1MHz,IE=0
*BVCEO
50
-
-
V
BVEBO
-
-
V
ICBO
-
-
100
nA
-
VCE(sat)
-
hFE
*
fT
-
MH
Cob
-
pF
z
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
Gain-Bandwidth Product
Output Capacitance
t
60
6
0.1
0.35
100
V
1A,IB=50mA
2
500mA
2
V
C
120
-
210
400
25
*Pulse width 380 s, Duty Cycle 2%
≦
≦
µ
*
-
-
o
IEBO
Emitter-Base Cutoff Current
-
nA
MAXIMUM RATINGS
Symbol
Parameter
Value
Collector Current (DC)
6
2
55~+150
50
60
2
5
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
A
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
ABSOLUTE
Ta=25C
o
Collector Current (Pulse PW=10ms)
Classification of hFE
Rank
A
B
120~240
200~400
Range
5
1.40
1.80
Mi
llimeter
Mi
llimeter
SOT-223
01-Jun-2002 Rev. A
Page 1 of 2
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70


Similar Part No. - PZT4672

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
PZT4672 SECOS-PZT4672_15 Datasheet
921Kb / 2P
NPN Transistor
More results

Similar Description - PZT4672

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
Epitaxial Planar Transistor
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
Epitaxial Planar Transistor
PZTA14 SECOS-PZTA14 Datasheet
641Kb / 2P
Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com