Electronic Components Datasheet Search
  English  ▼

X  

PZTA94 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # PZTA94
Description  Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

PZTA94 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  PZTA94 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH PZTA94 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
PZTA94
PNP Transistor
Epitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
The PZTA94 is designed for application
requires high voltage.
*High Current Gain: IC=300mA at 25 C
Description
Features
o
*High Voltage: VCEO=400V (min) at IC=1mA
*Complementary With PZTA44
A 9 4
Date Code
B
C
E
ELECTRICAL CHARACTERISTICS Tamb=25
unless otherwise specified
Parameter
Symbol
Min
Typ.
Max
Uni
Test Conditions
Collector-Base Breakdown Voltage
BVCBO
-
-
V
IC=-100µA,IE=0
IC=-1mA,IB=0
IE=-100µA,IC=0
VCB=-400V,IE=0
IC=-
VCE=- V, IC=-
BVCEO
-400
-
-
V
BVEBO
-
-
V
ICBO
-
-
-100
nA
-
*VCE(sat)1
-
*hFE1
*hFE2
Collector-Emitter Breakdown Voltage
Emitter-Base Breakdown Voltage
Collector-Base Cutoff Current
Collector Saturation Voltage
DC Current Gain
t
-400
-6
50
45
-750
-500
mV
1mA,IB=-0.1mA
10
1 mA
VCE=- V, IC=-
10
10 mA
C
-
40
-
-
Base Satruation Voltage
VBE(sat)
*hFE3
mV
-
-
-
-
-
VCE=- V, IC=-
10
50 mA
o
IEBO
Emitter-Base Cutoff Current
VBE=-6 V,IC=0
-
-
-100
nA
40
*hFE4
-
-
VCE=- V, IC=-
10
100mA
*VCE(sat)2
*VCE(sat)3
*Pulse width 380 s, Duty Cycle 2%
≦
≦
µ
ICES
-
-
-500
nA
Collector-Base Cutoff Current
mV
mV
-750
-
-
-
-350
300
VCE=-400V,VBE=0
IC=- 10mA,IB=-1 mA
IC=- 50mA,IB=-5 mA
IC=- 10mA,IB=-1 mA
MAXIMUM RATINGS
Symbol
Parameter
Value
Collector Current
-6
2
55~+150
-400
-400
-500
IC
Tstg
TJ,
Junction and
Total Power Dissipation
VEBO
PD
Emitter-Base Voltage
V
mA
W
Storage Temperature
-
C
O
VCEO
Collector-Emitter Voltage
V
VCBO
Collector-Base Voltage
V
Units
ABSOLUTE
Ta=25C
o
5
1.40
1.80
Mi
llimeter
Mi
llimeter
SOT-223
01-Jun-2002 Rev. A
Page 1 of 2
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70


Similar Part No. - PZTA94

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
PZTA94 WEITRON-PZTA94 Datasheet
185Kb / 4P
High-Voltage PNP Transistor Surface Mount
logo
Unisonic Technologies
PZTA94 UTC-PZTA94 Datasheet
111Kb / 3P
HIGH VOLTAGE TRANSISTOR
logo
GUANGDONG HOTTECH INDUS...
PZTA94 HOTTECH-PZTA94 Datasheet
193Kb / 2P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
PZTA94 JIANGSU-PZTA94 Datasheet
1Mb / 4P
SOT-223 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
PZTA94 MCC-PZTA94 Datasheet
518Kb / 2P
PNP Plastic-Encapsulate Transistors
More results

Similar Description - PZTA94

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
Epitaxial Planar Transistor
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
Epitaxial Planar Transistor
PZT4672 SECOS-PZT4672 Datasheet
921Kb / 2P
Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com