Electronic Components Datasheet Search
  English  ▼

X  

SGM3055 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SGM3055
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SGM3055 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SGM3055 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SGM3055 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SGM3055 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SGM3055 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SGM3055 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SGM3055 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Total Gate Charge
RDS(ON)
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current(Tj=150 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
30
0.037
1.0
100
25
250
80
100
5.4
1.3
3.6
3.6
19.8
13
3.2
260
144
13
±
V
V/
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS=25V
f=1.0MHz
VDS=15V
ID=8A
VGS=10V
RG=3.4
RD=1.9
Ω
Ω
ID=8A
VDS=24V
VGS= 5V
VGS=10V, ID= 8A
VGS=4.5V, ID=6A
VGS=0V, ID=250uA
VGS= 20V
±
VDS=30V,VGS=0
VDS=24V,VGS=0
VDS=VGS, ID=250uA
Reference to 25 , ID=1mA
_
_
_
Source-Drain Diode
_
_
_
_
_
_
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
Continuous Source Current(Body Diode)
VSD
IS
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
IS=15A,VGS=0V,Tj=25
VD=VG=0V,VS=1.3V
V
A
1.3
15
Notes: 1.Pulse width limited by safe operating area.
2.Pulse width 300us, dutycycle 2%.
≦
≦
_
_
_
Pulsed Source Current(Body Diode)
ISM
50
A
_
3.0
_
_
_
_
_
2
1
2
2
oC
oC
oC
oC
o
oC
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 6
Elektronische Bauelemente
SGM
3055
15A, 30V,RDS(ON) 100m
N-Channel Enhancement Mode Power Mos.FET
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com