Electronic Components Datasheet Search
  English  ▼

X  

SC1155 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1155
Description  PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER WITH VRM 9.0 VID RANGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1155 Datasheet HTML 2Page - Semtech Corporation SC1155 Datasheet HTML 3Page - Semtech Corporation SC1155 Datasheet HTML 4Page - Semtech Corporation SC1155 Datasheet HTML 5Page - Semtech Corporation SC1155 Datasheet HTML 6Page - Semtech Corporation SC1155 Datasheet HTML 7Page - Semtech Corporation SC1155 Datasheet HTML 8Page - Semtech Corporation SC1155 Datasheet HTML 9Page - Semtech Corporation SC1155 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SC1155
PROGRAMMABLE SYNCHRONOUS
DC/DC HYSTERETIC CONTROLLER
WITH VRM 9.0 VID RANGE
© 2000 SEMTECH CORP.
PRELIMINARY - August 7, 2000
6
ELECTRICAL CHARACTERISTICS (cont.)
Unless specified: 0 < T
J < 125°C, VIN12V = 12V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVE REGULATOR
DRV Voltage
V
DRV
11.4 < VIN12V < 12.6V,
I
DRV = 50mA
79
V
Load Regulation
Vldreg
DRV
1mA < I
DRV < 50mA
100
mV
Short Circuit Current
Ishort
DRV
100
mA
HIGH-SIDE OUTPUT DRIVER
Peak Output Current
Isrc
HIGHDR’
Isink
HIGHDR
duty cycle < 2%, tpw < 100us,
T
J = 125°C
V
BOOT - VBOOTLO = 6.5V, VHIGHDR =
1.5V (src), or V
HIGHDR = 5V (sink)
(Note 1)
2
A
Output Resistance
Rsrc
HIGHDR’
T
J = 125°C
V
BOOT - VBOOTLO = 6.5V,
V
HIGHDR = 6V
45
Ω
Rsink
HIGHDR
T
J = 125°C
V
BOOT - VBOOTLO = 6.5V,
V
HIGHDR = 0.5V
5
LOW-SIDE OUTPUT DRIVER
Peak Output Current
Isrc
LOWDR’
Isink
LOWDR
duty cycle < 2%, tpw < 100us,
T
J = 125°C
V
DRV = 6.5V, VLOWDR = 1.5V (src),
or V
LOWDR = 5V (sink) (Note 1)
2
A
Output Resistance
Rsrc
LOWDR’
T
J = 125°C
V
DRV = 6.5V, VLOWDR = 6V
45
Ω
Rsink
LOWDR
T
J = 125°C
V
DRV = 6.5V, VLOWDR = 0.5V
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com