Electronic Components Datasheet Search
  English  ▼

X  

SM2150A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM2150A
Description  2.0Amp Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM2150A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM2150A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM2150A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
UNITS
V
Typical Junction Capacitance (Note1)
pF
JA
(Note 2)
75
-50
+150
~
-65
+175
~
150
2
0.02
1
0.85
SM2150A
150
150
150
50
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance junction to ambient.
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
Typical Thermal Resistance Rθ
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage (IF=2Amps,Ta = 25 C)
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
V
V
A
A
V
mA
mA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 0.093 grams(Approximately)
Any changing of specification will not be informed individual
SM2150A
VOLTAGE 150V
2.0Amp Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Dec-2007 Rev. C
Page 1 of 2
A
B
D
G
E
H
F
C
Dimensions in
Millimeters
Dimensions in
Inches
A
1.25
1.65
0.049
0.065
B
3.99
4.60
0.157
0.181
C
2.50
2.90
0.098
0.114
D
1.98
2.44
0.078
0.096
E
0.051
0.203
0.002
0.008
F
4.78
5.28
0.188
0.208
G
0.76
1.52
0.030
0.060
H
0.152
0.305
0.006
0.012
SM A
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SM2150A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM2150A SECOS-SM2150A Datasheet
298Kb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM2150A LRC-SM2150A Datasheet
182Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 150V Forward Current 2.0A
logo
Goodwork Semiconductor ...
SM2150A GWSEMI-SM2150A Datasheet
63Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM2150A AITSEMI-SM2150A Datasheet
663Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1
logo
SeCoS Halbleitertechnol...
SM2150AF SECOS-SM2150AF Datasheet
237Kb / 2P
20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM2150A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK24BL SECOS-SK24BL Datasheet
305Kb / 2P
2.0AMP Surface Mount Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A Datasheet
298Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SM2200B SECOS-SM2200B_11 Datasheet
119Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SM2150A SECOS-SM2150A_15 Datasheet
1Mb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SB220 DGNJDZ-SB220 Datasheet
68Kb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB220 YFWDIODE-SB220 Datasheet
267Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SB220-DO-15 YFWDIODE-SB220-DO-15 Datasheet
297Kb / 2P
2.0Amp Schottky Barrier Rectifiers
SR220-DO-15 YFWDIODE-SR220-DO-15 Datasheet
324Kb / 2P
2.0Amp Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR202 LUGUANG-SR202 Datasheet
1Mb / 2P
2.0AMP. Schottky Barrier Rectifiers
logo
PACELEADER INDUSTRIAL
SR220 PACELEADER-SR220 Datasheet
524Kb / 2P
2.0AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com