Electronic Components Datasheet Search
  English  ▼

X  

RT-50 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RT-50
Description  50W Triple Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RT-50 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RT-50 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RT-50 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
CaseNo.905BUnit:mm
FileName:RT-50-SPEC2010-10-18
AMBIENTTEMPERATURE(
)
-25
0
20
10
30
40
20
40
80
60
100
60
50
0
-25
70
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
88
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
DeratingCurve
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
FILTER
&
&
&
RECTIFIERS
RECTIFIERS
RECTIFIERS
+V1
+V2
V3
COM
I/P
FG
CONTROL
O.V.P.
TerminalPinNo. Assignment
PinNo.
PinNo.
1
5
2
6
3
7
8
4
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT COM
DCOUTPUT +V1
NC
DCOUTPUT +V2
DCOUTPUT V3
5.5
74
18
6.5
87
99
89
4.5
3.5
3.5
3.5
2-M
3
55
20.5
8
7
6
5
4
3
2
1
50W TripleOutputSwitchingPowerSupply
R T- 5 0 series
(VERTICAL)
BlockDiagram
fosc:60KHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com