Electronic Components Datasheet Search
  English  ▼

X  

TMS3705 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS3705
Description  TRANSPONDER BASE STATION IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3705 Datasheet(HTML) 3 Page - Texas Instruments

  TMS3705 Datasheet HTML 1Page - Texas Instruments TMS3705 Datasheet HTML 2Page - Texas Instruments TMS3705 Datasheet HTML 3Page - Texas Instruments TMS3705 Datasheet HTML 4Page - Texas Instruments TMS3705 Datasheet HTML 5Page - Texas Instruments TMS3705 Datasheet HTML 6Page - Texas Instruments TMS3705 Datasheet HTML 7Page - Texas Instruments TMS3705 Datasheet HTML 8Page - Texas Instruments TMS3705 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Vref
RF Amplifier
10k
A_TST
SFB
SENSE
VDDA
ANT1
ANT2
VSSA
VSS
VDD
SCIO
TXCT
D_TST
F_SEL
OSC2
OSC1
VSSB
Control Logic
With
Mode Control Register
Controlled
Frequency Divider
Digital Demodulator
Transponder
Resonance-Frequency
Measurement
SCI
Encoder
Power-On
Reset
PLL
Predrivers
Full Bridge
Bandpass
Limiter
Diagnosis
TMS3705
www.ti.com
11-07-22-003 – SCBS881B – JANUARY 2010 – REVISED APRIL 2010
FUNCTIONAL BLOCK DIAGRAM
Power Supply
The device is supplied with 5 V by an external voltage regulator via two supply pins, one for providing the driver
current for the antenna and for supplying the analog part in front of the digital demodulator and one for supplying
the other blocks.
The power supply supplies a power-on reset that brings the control logic into idle mode as soon as the supply
voltage drops under a certain value.
In sleep mode the sum of both supply currents is reduced to 0.2 mA. The base station device falls into sleep
mode 100 ms after TXCT has changed to high. When TXCT changes to low or is low, the base station IC
immediately goes into and remains in normal operation.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com