Electronic Components Datasheet Search
  English  ▼

X  

R070LD10 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # R070LD10
Description  VOLTAGE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R070LD10 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button R070LD10 Datasheet HTML 2Page - Unisonic Technologies R070LD10 Datasheet HTML 3Page - Unisonic Technologies R070LD10 Datasheet HTML 4Page - Unisonic Technologies R070LD10 Datasheet HTML 5Page - Unisonic Technologies R070LD10 Datasheet HTML 6Page - Unisonic Technologies R070LD10 Datasheet HTML 7Page - Unisonic Technologies R070LD10 Datasheet HTML 8Page - Unisonic Technologies R070LD10 Datasheet HTML 9Page - Unisonic Technologies R070LD10 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
R070LD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R101-024.C
ELECTRICAL CHARACTERISTICS MEASURING CIRCUITS(Cont.)
Fixed Voltage:
CO
10μF
2
1
3
VOUT
CI
1μF
VIN
DC Input
5
1
3
4
R070LD10
IC
A
A
V
IOUT
RL
Test circuit for regulation portion
A
IQ
VOUT=VREF*(1+R2/R1)
R1=1kΩ, VREF≈1.23V
VC=2.7V
1
2
5
3
VO
VIN
DC Input
5
1
3
4
R070LD10
V
IOUT
RL
Test circuit for Critical rate for ripple rejection
~
ei
V
~
eo
+
f=120Hz sine wave ,ei(rms)=0.5V ,
VIN=5V, VOUT=3.3V(R1=1kΩ)
IOUT=0.3A, RR=20log{ei(rms)/eo(rms)}
CO
10μF
CI
1μF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com