Electronic Components Datasheet Search
  English  ▼

X  

NTCALUG03 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCALUG03
Description  NTC Thermistors, Mini Lug Sensors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCALUG03 Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCALUG03 Datasheet HTML 1Page - Vishay Siliconix NTCALUG03 Datasheet HTML 2Page - Vishay Siliconix NTCALUG03 Datasheet HTML 3Page - Vishay Siliconix NTCALUG03 Datasheet HTML 4Page - Vishay Siliconix NTCALUG03 Datasheet HTML 5Page - Vishay Siliconix NTCALUG03 Datasheet HTML 6Page - Vishay Siliconix NTCALUG03 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: nlr@vishay.com
Document Number: 29114
122
Revision: 12-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCALUG03 Mini Lug Series
Vishay BCcomponents
NTC Thermistors, Mini Lug Sensors
DIMENSIONS in millimeters
Notes
(1) Vishay Thermistor chip NTC, with epoxy coating and middle buffer layer
(2) Metal ring lug, tin plated
(3) Insulated leads: AWG#32, monostranded, diam 0.20 mm, silver plated Nickel, PEI insulation, diameter 0.35 mm
(4) End wire stripped or 2-poles connector crimped (optional)
MOUNTING
• With screw size metric M2, or American stud 1-2
• For the type without connector (’103’), the electrical connection can be made by soldering, crimping or welding.
• For the type with connector (’103C’), the connector can mate with following counter-connectors (5):
A. One of the PCB connector - Through Hole:
•JST B 2B-ZR (top entry)
• JST S 2B-ZR (side entry)
• JST B 2B-ZR-3.4 (top entry, for 1.6 mm board)
• JST S 2B-ZR-3.4 (side entry, for 1.6 mm board)
B. One of the PCB Board connector - SMT Surface Mount:
• JST S 2B-ZR-SM2-TF (SM2 side entry)
• JST B 2B-ZR-SM3-TF (SM3 top entry)
• JST S 2B-ZR-SM3A-TF (SM3 side entry)
• JST B 2B-ZR-SM4-TF (SM4 top entry)
• JST S 2B-ZR-SM4A-TF (SM4 side entry)
C. The Wire-to-wire connector:
• JST ZMR-02 housing (x 1) + JST SMM-033T-P0.5 terminals (x 2)
Note
(5) Additional details and dimensions can be found in JST ZH and JST ZM datasheets.
PACKAGING
Available in plastic bags of 250 pieces. SPQ = 2000 pieces
DESIGN-IN SUPPORT
• Other resistance curves and tolerances are available on request
• Consult Vishay for other lead length, other connector crimping or other features
• Other applicable screw size are available, for example stud size metric 3 mm/American 3 to 4
• 3D solid models: www.vishay.com/doc?29106
• NTC curve computation: www.vishay.com/thermistors/curve-computation-list/
L1
L2
L3
L4
L1 + L3
(item without
connector)
Ø D1
Ø D2
Ø D3
Ø D4
TPitch P
70 ± 5
4 ± 1
11.5 ± 0.3
8.8 ± 0.3
81.5 ± 5
2.2 ± 0.3
5.5 ± 0.3
3.4 ± 0.3
0.35 ± 0.1
0.8 ± 0.1
1.5 ± 0.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com