Electronic Components Datasheet Search
  English  ▼

X  

PLTT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PLTT
Description  Precision Low TCR High Temperature Thin Film Resistor, Surface Mount Chip
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PLTT Datasheet(HTML) 2 Page - Vishay Siliconix

  PLTT Datasheet HTML 1Page - Vishay Siliconix PLTT Datasheet HTML 2Page - Vishay Siliconix PLTT Datasheet HTML 3Page - Vishay Siliconix PLTT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLTT
www.vishay.com
Vishay Dale Thin Film
Revision: 01-Jun-15
2
Document Number: 60082
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
CASE SIZE
TERM
L
W
T
D
E
0603
G
0.064 ± 0.006
0.032 ± 0.005
0.015 to 0.033
0.012 ± 0.005
0.015 ± 0.005
0805
G
0.080 ± 0.006
0.050 ± 0.005
0.015 to 0.033
0.016 ± 0.008
0.015 ± 0.005
1206
G
0.126 ± 0.008
0.063 ± 0.005
0.015 to 0.033
0.020 + 0.005/- 0.010
0.020 + 0.005/- 0.010
2010
G
0.209 ± 0.009
0.098 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
2512
G
0.259 ± 0.009
0.124 ± 0.005
0.015 to 0.033
0.020 ± 0.005
0.020 ± 0.005
ENVIRONMENTAL TESTS - MIL-PRF-55342
ENVIRONMENTAL TEST
CONDITIONS
TYPICAL VISHAY
PERFORMANCE
Thermal Shock
MIL-STD-202 method 107 Cond F, -65 °C to +150 °C
± 0.02 %
Short Time Overload
MIL-PRF-55342 Para 4.8.6, 2.5x rated working voltage
± 0.01 %
Low Temperature Operation
MIL-PRF-55342 Para 4.8.5, -65 °C
± 0.01 %
Resistance to Soldering Heat
MIL-STD-202 method 210
± 0.01 %
Moisture Resistance
MIL-STD-202 method 106, no power applied
± 0.02 %
High Temperature Exposure
MIL-PRF-55342 Para 4.8.7, at 150 °C for 100 h
± 0.02 %
Life
MIL-STD-202 method 108, 25 % rated power
for 2000 h at 215 °C
± 0.50 %
TCR
MIL-STD-202 method 304
± 5 ppm/°C
ENVIRONMENTAL TESTS - AEC-Q200 PLTT0603 Case Size Only
ENVIRONMENTAL TEST
CONDITIONS
TYPICAL VISHAY
PERFORMANCE
High temperature storage
MIL-STD-202 method 108, 1000 h at 125 °C
± 0.10 %
Temperature cycling
JESD22 method JA-104, 1000 cycles,
-55 °C to +155 °C
± 0.25 %
Moisture resistance
MIL-STD-202 method 106, no power applied
± 0.10 %
Biased humidity
MIL-STD-202 method 103, 1000 h at 85 °C,
85 % RH, 10 % rated power
± 0.20 %
Life
MIL-STD-202 method 108,
1000 h at 175 °C, 50 % rated power
± 0.50 %
Mechanical shock
MIL-STD-202 method 213, condition C
± 0.02 %
Vibration
MIL-STD-202 method 204, 10 Hz to 2 kHz
± 0.02 %
Resistance to soldering heat
MIL-STD-202 method 210, condition B
± 0.02 %
Electrostatic discharge
AEC-Q200-002, human body (< 1 k
: 1 kV; > 1 k: 2 kV)
< 1 k
: 1 kV; > 1 k: 2 kV
Solderability
MIL-STD-883 method 2003 para 2.3.1 and J-STD-002
Pass
TCR
MIL-STD-202 method 304
± 5 ppm /°C
Die shear
MIL-PRF-55342, 0.5 kg for 30 s minimun
Pass
Flame retardance
AEC-Q200-001 para 4.0
Pass
D
W
L
T
E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com