Electronic Components Datasheet Search
  English  ▼

X  

VLPC1201A2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLPC1201A2
Description  High Brightness LED Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLPC1201A2 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLPC1201A2 Datasheet HTML 1Page - Vishay Siliconix VLPC1201A2 Datasheet HTML 2Page - Vishay Siliconix VLPC1201A2 Datasheet HTML 3Page - Vishay Siliconix VLPC1201A2 Datasheet HTML 4Page - Vishay Siliconix VLPC1201A2 Datasheet HTML 5Page - Vishay Siliconix VLPC1201A2 Datasheet HTML 6Page - Vishay Siliconix VLPC1201A2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact: LED@vishay.com
Document Number: 83382
2
Rev. 1.2, 13-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VLPC0601A2, VLPC1201A2, VLPC1201A2J
Vishay Semiconductors High Brightness LED Power Module
Notes
(1) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(2) Calculated based on single LED unit.
Notes
(1) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(2) Calculated based on single LED unit.
Notes
(1) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(2) Calculated based on single LED unit.
SPECIFICATION OF SINGLE LEDs USED FOR THE MODULES
• VLPC0601A2: LED:
• VLPC1201A2: LED: VLMW911KYKZ6P7R
• VLPC1201A2J: LED:
OPTICAL AND ELECTRICAL CHARACTERISTICS (1) (Tamb = 25 °C, unless otherwise specified)
VLPC0601A2, COOL WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux total (2)
IF = 700 mA
V
760
870
-
lm
Color temperature
IF = 700 mA
TK
5000
-
7000
K
Forward voltage
IF = 700 mA
VF
19
20
23
V
Temperature coefficient of VF
IF = 350 mA
TCVF
-- 21
-
mV/K
Temperature coefficient of
V
IF = 350 mA
TC
V
-- 0.4-
%/K
OPTICAL AND ELECTRICAL CHARACTERISTICS (1) (Tamb = 25 °C, unless otherwise specified)
VLPC1201A2J, COOL WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux total (2)
IF = 700 mA
V
1520
1740
-
lm
Color temperature
IF = 700 mA
TK
5000
-
7000
K
Forward voltage
IF = 700 mA
VF
-42
46
V
Temperature coefficient of VF
IF = 350 mA
TCVF
-- 40
-
mV/K
Temperature coefficient of
V
IF = 350 mA
TC
V
-- 0.4-
%/K
OPTICAL AND ELECTRICAL CHARACTERISTICS (1) (Tamb = 25 °C, unless otherwise specified)
VLPC1201A2, COOL WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux total (2)
IF = 700 mA
V
2 x 760
2 x 870
-
lm
Color temperature
IF = 700 mA
TK
5000
-
7000
K
Forward voltage per 6 LEDs
IF = 700 mA
VF
-20
23
V
Temperature coefficient of VF per 6 LEDs
IF = 350 mA
TCVF
-- 20
-
mV/K
Temperature coefficient of
V
IF = 350 mA
TC
V
-- 0.4-
%/K
LUMINOUS FLUX CLASSIFICATION FOR THE SINGLE LED
GROUP
LUMINOUS FLUX
V (lm) CORRELATION TABLE
STANDARD
MIN.
MAX.
KY
82 000
97 000
KZ
97 000
112 000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com