Electronic Components Datasheet Search
  English  ▼

X  

SC1183 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1183
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1183 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1183 Datasheet HTML 4Page - Semtech Corporation SC1183 Datasheet HTML 5Page - Semtech Corporation SC1183 Datasheet HTML 6Page - Semtech Corporation SC1183 Datasheet HTML 7Page - Semtech Corporation SC1183 Datasheet HTML 8Page - Semtech Corporation SC1183 Datasheet HTML 9Page - Semtech Corporation SC1183 Datasheet HTML 10Page - Semtech Corporation SC1183 Datasheet HTML 11Page - Semtech Corporation SC1183 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER, DUAL LOW DROPOUT
REGULATOR CONTROLLER
© 1998 SEMTECH CORP.
August 25, 1998
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1182/3
10
COMPONENT SELECTION
SWITCHING SECTION
OUTPUT CAPACITORS - Selection begins with the
most critical component. Because of fast transient load
current requirements in modern microprocessor core
supplies, the output capacitors must supply all transient
load current requirements until the current in the output
inductor ramps up to the new level. Output capacitor
ESR is therefore one of the most important criteria. The
maximum ESR can be simply calculated from:
step
current
Transient
I
excursion
voltage
transient
Maximum
V
Where
I
V
R
t
t
t
t
ESR
=
=
≤
Each Capacitor
Total
Technology
C
(µF)
ESR
(m
Ω)
Qty.
Rqd.
C
(µF)
ESR
(m
Ω)
Low ESR Tantalum
330
60
6
2000
10
OS-CON
330
25
3
990
8.3
Low ESR Aluminum
1500
44
5
7500
8.8
()
O
IN
t
ESR
V
V
I
C
R
L
−
≤
OSC
IN
L
f
L
4
V
I
RIPPLE
⋅
⋅
=
IN
O
)
on
(
DS
2
O
COND
V
V
cycle
duty
=
where
R
I
P
≈
δ
δ
⋅
⋅
=
2
IN
O
SW
10
V
I
P
−
⋅
⋅
=
4
f
)
t
t
(
V
I
P
OSC
f
r
IN
O
SW
⋅
+
⋅
⋅
=
OSC
IN
RR
RR
f
V
Q
P
⋅
⋅
=
For example, to meet a 100mV transient limit with a
10A load step, the output capacitor ESR must be less
than 10m
Ω. To meet this kind of ESR level, there are
three available capacitor technologies.
The choice of which to use is simply a cost/perfor-
mance issue, with Low ESR Aluminum being the
cheapest, but taking up the most space.
INDUCTOR - Having decided on a suitable type and
value of output capacitor, the maximum allowable
value of inductor can be calculated. Too large an in-
ductor will produce a slow current ramp rate and will
cause the output capacitor to supply more of the tran-
sient load current for longer - leading to an output volt-
age sag below the ESR excursion calculated above.
The maximum inductor value may be calculated from:
The calculated maximum inductor value assumes 100%
duty cycle, so some allowance must be made. Choosing
an inductor value of 50 to 75% of the calculated maxi-
mum will guarantee that the inductor current will ramp
fast enough to reduce the voltage dropped across the
ESR at a faster rate than the capacitor sags, hence en-
suring a good recovery from transient with no additional
excursions.
We must also be concerned with ripple current in the
output inductor and a general rule of thumb has been to
allow 10% of maximum output current as ripple current.
Note that most of the output voltage ripple is produced
by the inductor ripple current flowing in the output ca-
pacitor ESR. Ripple current can be calculated from:
Ripple current allowance will define the minimum per-
mitted inductor value.
POWER FETS - The FETs are chosen based on sev-
eral criteria with probably the most important being
power dissipation and power handling capability.
TOP FET - The power dissipation in the top FET is a
combination of conduction losses, switching losses and
bottom FET body diode recovery losses.
a) Conduction losses are simply calculated as:
b) Switching losses can be estimated by assuming a
switching time, if we assume 100ns then:
or more generally,
c) Body diode recovery losses are more difficult to esti-
mate, but to a first approximation, it is reasonable to as-
sume that the stored charge on the bottom FET body
diode will be moved through the top FET as it starts to
turn on. The resulting power dissipation in the top FET
will be:
To a first order approximation, it is convenient to only
consider conduction losses to determine FET suitability.
For a 5V in; 2.8V out at 14.2A requirement, typical FET
losses would be:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com