Electronic Components Datasheet Search
  English  ▼

X  

SC1186 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1186
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1186 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1186 Datasheet HTML 4Page - Semtech Corporation SC1186 Datasheet HTML 5Page - Semtech Corporation SC1186 Datasheet HTML 6Page - Semtech Corporation SC1186 Datasheet HTML 7Page - Semtech Corporation SC1186 Datasheet HTML 8Page - Semtech Corporation SC1186 Datasheet HTML 9Page - Semtech Corporation SC1186 Datasheet HTML 10Page - Semtech Corporation SC1186 Datasheet HTML 11Page - Semtech Corporation SC1186 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER, DUAL LOW DROPOUT
REGULATOR CONTROLLER
© 1999 SEMTECH CORP.
PRELIMINARY - December 2, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1186
11
)
1
(
R
I
P
)
on
(
DS
2
O
COND
δ
−
⋅
⋅
=
FET type
R
DS(on) (mΩ)
P
D (W )
Package
IRL34025
15
1.69
D
2PAK
IRL2203
10.5
1.19
D
2PAK
Si4410
20
2.26
SO-8
FET type
R
DS(on) (mΩ)
P
D (W )
Package
IRL34025
15
1.33
D
2PAK
IRL2203
10.5
0.93
D
2PAK
Si4410
20
1.77
SO-8
BOTTOM FET - Bottom FET losses are almost entirely
due to conduction. The body diode is forced into con-
duction at the beginning and end of the bottom switch
conduction period, so when the FET turns on and off,
there is very little voltage across it, resulting in low
switching losses. Conduction losses for the FET can be
determined by:
For the example above:
Each of the package types has a characteristic thermal
impedance, for the TO-220 package, thermal
impedance is mostly determined by the heatsink used.
For the surface mount packages on double sided FR4, 2
oz printed circuit board material, thermal impedances of
40
oC/W for the D2PAK and 80oC/W for the SO-8 are
readily achievable. The corresponding temperature rise
is detailed below:
Temperature rise (
oC)
FET type
Top FET
Bottom FET
IRL34025
67.6
53.2
IRL2203
47.6
37.2
Si4410
180.8
141.6
It is apparent that single SO-8 Si4410 are not adequate
for this application, but by using parallel pairs in each po-
sition, power dissipation will be approximately halved and
temperature rise reduced by a factor of 4.
INPUT CAPACITORS - since the RMS ripple current
in the input capacitors may be as high as 50% of the
output current, suitable capacitors must be chosen ac-
cordingly. Also, during fast load transients, there may
be restrictions on input di/dt. These restrictions require
useable energy storage within the converter circuitry,
either as extra output capacitance or, more usually,
additional input capacitors. Choosing low ESR input
capacitors will help maximize ripple rating for a given
size.
SHORT CIRCUIT PROTECTION - LINEARS
The Short circuit feature on the linear controllers is
implemented by using the Rds(on) of the FETs. As
output current increases, the regulation loop maintains
the output voltage by turning the FET on more and
more. Eventually, as the Rds(on) limit is reached, the
FET will be unably to turn on more fully, and output
voltage will start to fall. When the output voltage falls
to approximately 50% of nominal, the LDO controller
is latched off, setting output voltage to 0. Power must
be cycled to reset the latch.
To prevent false latching due to capacitor inrush cur-
rents or low supply rails, the current limit latch is ini-
tially disabled. It is enabled at a preset time (nominally
2mS) after both the LDOV and LDOEN rails rise
above their lockout points.
To be most effective, the linear FET Rds(on) should
not be selected artificially low, the FET should be cho-
sen so that, at maximum required current, it is almost
fully turned on
If, for example, a linear supply of 1.5V at 4A is re-
quired from a 3.3V ± 5% rail, max allowable Rds(on)
would be.
Rds(on)max = (0.95*3.3-1.5)/4
≈ 400mΩ
To allow for temperature effects 200m
Ω would be a
suitable room temperature maximum, allowing a peak
short circuit current of approximately 15A for a short
time before shutdown.
Using 1.5X Room temp R
DS(ON) to allow for temperature
rise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com