Electronic Components Datasheet Search
  English  ▼

X  

SC1205 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1205
Description  HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1205 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1205 Datasheet HTML 4Page - Semtech Corporation SC1205 Datasheet HTML 5Page - Semtech Corporation SC1205 Datasheet HTML 6Page - Semtech Corporation SC1205 Datasheet HTML 7Page - Semtech Corporation SC1205 Datasheet HTML 8Page - Semtech Corporation SC1205 Datasheet HTML 9Page - Semtech Corporation SC1205 Datasheet HTML 10Page - Semtech Corporation SC1205 Datasheet HTML 11Page - Semtech Corporation SC1205 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SC1205
HIGH SPEED SYNCHRONOUS POWER
MOSFET DRIVER
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - December 7, 1999
8
BILL OF MATERIAL
Item Qty
Reference
Value
Manufacturer
1
3
C4,C15,C28
1u,10V, Cer.
AVX, Murata
2
3
C5,C6,C7
1u,16V, Cer.
AVX, Murata
3
1
C8
1000uF, 16V
Nichicon, any
4
1
C9
100uF
Nichicon, any
5
1
C10
1000uf
Nichicon, any
7
1
C12
10uF
Nichicon, any
8
13
C13,C14,C16,C18,C19,C20,C21,C22,C24,C29,C31,C32,
C36
22u, 10V
Murata
(GRM235Y5V226Z010)
9
2
C17,C30
1500uf
Nichicon, Sanyo
10
2
C23,C25
.022
Avx, any
11
1
C26
.01
Avx, any
12
6
C11,C27,C55,C56,C57,C58
.1
Avx, any
13
14
2
D1,D2
SS12
General Instruments, any
15
2
D10,D11
5819
General Instruments, any
16
1
J1
Input
17
2
L1,L2
.6uh
Falco, P/N: TO2508 or
SDIP0804-608M
(305) 662-9076
18
2
Q1,Q3
IR7811
Int. Rectifier
(310) 252-7099
19
2
Q2,Q4
FDB7030
Fairchild Semi.
(408) 822-2000
20
4
R1,R9,R43,R44
10
any
21
1
R6
3.9k
any
22
1
R7
100
any
23
1
R8
6k
any
24
1
R10
35k
any
25
1
R11
300k
any
26
4
R12,R13,R14,R15
51
any, Required in asynch.
operation
27
1
R38
10K
any
28
4
R39,R40,R41,R42
0
any
29
1
R45
4.7
any
30
1
S1
Vout/Clk switch
Digikey
31
1
U2
Pentium II™
Slot 1 Connector
32
1
U1
SC1142CSW
Semtech, (805) 499-2111
33
2
U11,U12
SC1205S
Semtech, (805) 499-2111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com