Electronic Components Datasheet Search
  English  ▼

X  

SC1402 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC1402
Description  Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1402 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC1402 Datasheet HTML 8Page - Semtech Corporation SC1402 Datasheet HTML 9Page - Semtech Corporation SC1402 Datasheet HTML 10Page - Semtech Corporation SC1402 Datasheet HTML 11Page - Semtech Corporation SC1402 Datasheet HTML 12Page - Semtech Corporation SC1402 Datasheet HTML 13Page - Semtech Corporation SC1402 Datasheet HTML 14Page - Semtech Corporation SC1402 Datasheet HTML 15Page - Semtech Corporation SC1402 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
SC1402
© 2000 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
Multi-Output, Low-Noise Power Supply
Controller for Notebook Computers
December 15, 2000
12
by using the maximum current limit threshold:
From this value choose an inductor with Isat > 6 Amps,
and for the FET choose a continuous conduction cur-
rent rating greater than 6 Amps.
The same calculation process can be made for the 5V
supply for its Inductor L2 and Rsense resistor, R8.
The results are:
L2 = 13.4 uH at 300KHz, 20uH at 200KHz, For our
EVAL board we choose the transformer with a 11uH
primary at the expense of slightly higher ripple current.
R8 = 0.02
Co = C18 = 330uF/10V
Calculating output capacitance and ESR for
Stability.
Now that the basic output filter has been designed, it is
time to check if the output filter will allow stable opera-
tion. Since the control loop is internal to the SC1402,
the output filter capacitor and its associated equivilant
series resistance (ESR), will effect stability. It is impor-
tant to choose a capacitor with its ESR for stable
SMPS operation. A seven step procedure for choosing
the output capacitor and ESR ensuring a stable control
loop is shown below for the 3.3V supply. The same
procedure should also be implemented for the 5V sup-
ply.
System Paramaters:
Fs = 300000Hz Vout = 3.3V
Vinmin = 6V
Vref = 2.5V
Rs = 0.020
Where Fs is the switching frequency.
Vout is the output voltage.
Vinmin is the minimum input voltage.
Vref is the SC1402 reference voltage.
Rs is the sense resistor, (R9 on the EVAL board).
Step 1: Determine the Crossover Frequency
Step 2: Determine the Maximum & Minimum ESR
Capacitance
Step 3: Determine the Minimum Output Capacitance
Step 4: Determine the Actual Output Capacitance
Step 5: Determine the Actual ESR Value
Step 6: From Above Calculations Choose:
Step 7: Check the Ripple Current
If Co can handle the ripple current you’re done. Other-
wise increase the output capacitance to handle the rip-
ple current at maximum Vin and recheck the ESR us-
ing the equation for determining the actual output ca-
pacitance.
If you are using tantalum or electrolytic capacitors you
should increase the capacitance to the level of ap-
proaching the calculated ESR.
If you are using poly capacitors a small resistor in se-
ries with the capacitor to bring the ESR to the desired
level may be necessary for stability due to their low
ESR values.
Rs
=
Vref
Vout
ESRmax
()2
1.2
ESRmax
ESRmin
=
0.026Ω
ESRmax
=
0.018
ESRmin
=
()0
30
tan
Rs
Vout
Fc
π
2
Vref
Comin
=
162uF
Comin
=
Comin
ESRmin
ESRmax
Co
=
233uF
Co
=
233uF
Co
0.022
ESR
=
6
0.020
0.120
R9
0.120
I
PEAK
=
=
=
ö
ç
è
æ +
=
Vinmin
Vout
1
3
Fs
Fc
KHz
64.516
Fc
=
2
ESRmin
ESRmax
ESR
+
=
0.022
ESR
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com