Electronic Components Datasheet Search
  English  ▼

X  

SDB3045PI Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDB3045PI
Description  DUAL COMMON CATHODE SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB3045PI Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDB3045PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB3045PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB3045PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB3045PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB3045PI Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-D0O028-002
2
Absolute Maximum Ratings (Limiting Values, Per diode)
Characteristic
Symbol
Value
Unit
Maximum repetitive reverse voltage
Maximum working peak reverse voltage
Maximum DC blocking voltage
VRRM
VRWM
VR
45
V
Maximum average forward rectified current
per diode
IF(AV)
15
A
total device
30
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
210
A
Storage temperature range
Tstg
-45℃ to +150℃
℃
Maximum operating junction temperature
Tj
150
℃
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum thermal resistance junction to case
per diode
Rth(j-c)
4.0
℃/W
total device
3.4
Electrical Characteristics (Per Diode)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak forward voltage drop
VFM
(1)
IFM = 15A
Tj=25℃
-
-
0.65
V
Tj=125℃
-
0.55
0.58
V
Reverse leakage current
IRM
(1)
VR = VRRM
Tj=25℃
-
-
0.5
mA
Tj=125℃
-
-
50
mA
Note : (1) Pulse test : t
P≤380 ㎲, Duty cycle≤2%
To evaluate the conduction losses use the following equation (Fig 4.) : PF = 0.35 x IF(AV) + 0.012 IF
2
(RMS)
SDB3045PI
IFM
2 IF(AV)
IF(AV)
VFM
Forward Voltage : VFM = Vto + rd IFM
Conduction Loss : PF = Vto IF(AV) + rd IF
2
(RMS)
rd
Vto



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com