Electronic Components Datasheet Search
  English  ▼

X  

SC1406 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1406
Description  PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1406 Datasheet HTML 2Page - Semtech Corporation SC1406 Datasheet HTML 3Page - Semtech Corporation SC1406 Datasheet HTML 4Page - Semtech Corporation SC1406 Datasheet HTML 5Page - Semtech Corporation SC1406 Datasheet HTML 6Page - Semtech Corporation SC1406 Datasheet HTML 7Page - Semtech Corporation SC1406 Datasheet HTML 8Page - Semtech Corporation SC1406 Datasheet HTML 9Page - Semtech Corporation SC1406 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SC1406
© 1999 SEMTECH CORP.
652 MITCHELL ROAD
NEWBURY PARK CA 91320
PORTABLE PENTIUM
® II & III
POWER SUPPLY CONTROLLER
PRELIMINARY - August 27, 1999
6
Pentium is a registered trademark of Intel Corporation
ELECTRICAL CHARACTERISTICS (CONT.)
Unless specified: -0 < T
A < 100°C; VCC = 3.3V (See test circuit)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
LINEAR REGULATOR CONTROLLERS
1.5V Linear Regulator Controller
Input Bias Current
I
LR15
V
FB_15 = 1.5V
1
mA
Output Voltage
C
O_1.5 = 56µF, 20mΩ ESR max
or 150µF, 45m
Ω ESR max
Capacitance tolerance = 20%
V
O_1.5,
Imin =
0.1mA
I
O = 500mA, pnp BJT with BMIN > 50 @
I
C = 500mA
1.47 1.50
1.54
V
Base Drive Output Current
I
BASE_1.5
@ 25°C
10
120
mA
2.5V Linear Regulator Controller
Input Bias Current
I
LR25
V
FB_25 = 2.5V
1
mA
Output Voltage
C
O_2.5 = 1µFceramic
ESR range = 1m
Ω − 30mΩ
Capacitance tolerance = 20%
V
O_2.5,
Imin = 0A
Imax=0.1A
I
O = Imax, pnp BJT with BMIN > 50 @
I
C = 100mA
2.45 2.50
2.55
V
Base Drive Output Current
I
BASE_2.5
3.5
20
mA
Linear Regulator Soft Start (LRSS)
Linear Reg Soft-Start Current
I
LRSS
Charge Current, V
LRSS = 0V
-0.6
-1
-1.4
µA
Discharge Current, V
LRSS = 1.50V,
EN is low or in UVLO
0.3
1
1.45
mA
Enable Threshold
V
SSLR_EN
150
400
mV
Soft Start Termination Threshold
V
TH_LRSS
1.53 1.70
1.87
V
Voltage Clamp (VCIN, VCOUT, VCBYP)
Input Voltage
V
H_VCIN
0.95
1.5
1.60
V
Output Voltage
Imin = 10µA
V
H_VCOUT
R
VCOUT = 150Ω
tied to V
S = 2.5V
I
VCIN = -10µA
VCIN is open
0.8V
S
V
S
V
V
L_VCOUT
V
VCIN = 0.175V
0.375
Progagation Delay**
T
pd
VCIN_VCOUT
R
VCOUT = 150Ω tied to VS = 2.5V
C
VCBYP = 1500pF,
VCIN steps from
0.175V to 1.50V and back.
Measured from 50% of VCIN step to
50% of VCOUT transient
10
ns
* Guaranteed by design.
**Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com