Electronic Components Datasheet Search
  English  ▼

X  

SC-150 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # SC-150
Description  150W Single Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SC-150 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  SC-150 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SC-150 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
DeratingCurve
FileName:SC-150-SPEC2010-10-18
CaseNo.906Unit:mm
INPUTVOLTAGE(V)
80
160
85
170
90
180
95
190
100
200
105
210
110
220
115
230
120
240
125
250
130
260
320
33
280
30
240
27
200
24
160
21
120
18
80
15
Ta=25
AMBIENTTEMPERATURE(
)
(HORIZONTAL)
(VERTICAL)
-10
-10
0
0
10
20
30
40
50
45
60
55
20
40
60
80
100
StaticCharacteristics(27V)
fosc:25KHz
EMI
FILTER
RECTIFIERS
230
115
&
FILTER
DRIVER
PWM
CONTROL
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
O.V.P.
O.C.P.
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
5
4
3
6
7
Assignment
Assignment
RTH(Thermistor)
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
PSF(PowerSupplyFoult)
20
159
199
100
172
192
5-M3
190.5
3.5
6
7
6
5
4
3
2
1
5
BlockDiagram
POWER
SWITCHING
150WSingleOutputSwitchingPowerSupply
S C - 1 5 0 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com