| Electronic Components Datasheet Search |
|
SC1406A Datasheet(PDF) 7 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1406A Datasheet(HTML) 7 Page - Semtech Corporation |
|
7 / 17 page ![]() SC1406A © 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 PORTABLE PENTIUM ® II & III POWER SUPPLY CONTROLLER January 28, 2000 7 Pentium is a registered trademark of Intel Corporation ELECTRICAL CHARACTERISTICS (CONT.) Unless specified: -0 < T A < 100°C; VCC = 3.3V (See test circuit) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT LINEAR REGULATOR CONTROLLERS 1.5V Linear Regulator Controller Input Bias Current I LR15 V FB_15 = 1.5V 1 mA Output Voltage C O_1.5 = 56µF, 20mΩ ESR max or 150µF, 45m Ω ESR max Capacitance tolerance = 20% V O_1.5, Imin = 0.1mA I O = 500mA, pnp BJT with BMIN > 50 @ I C = 500mA 1.47 1.50 1.54 V Base Drive Output Current I BASE_1.5 @ 25°C 10 120 mA 2.5V Linear Regulator Controller Input Bias Current I LR25 V FB_25 = 2.5V 1 mA Output Voltage C O_2.5 = 1µFceramic ESR range = 1m Ω − 30mΩ Capacitance tolerance = 20% V O_2.5, Imin = 0A Imax=0.1A I O = Imax, pnp BJT with BMIN > 50 @ I C = 100mA 2.45 2.50 2.55 V Base Drive Output Current I BASE_2.5 2.5 20 mA Linear Regulator Soft Start (LRSS) Linear Reg Soft-Start Current I LRSS Charge Current, V LRSS = 0V -0.6 -1 µA Discharge Current, V LRSS = 1.50V, EN is low or in UVLO 0.3 1 mA Enable Threshold V SSLR_EN 150 400 mV Soft Start Termination Threshold V TH_LRSS 1.53 1.70 1.87 V Voltage Clamp (VCIN, VCOUT, VCBYP) Input Voltage V H_VCIN 0.93 1.5 1.60 V Output Voltage Imin = 10µA V H_VCOUT R VCOUT = 150Ω tied to V S = 2.5V I VCIN = -10µA VCIN is open 0.8V S V S V V L_VCOUT V VCIN = 0.175V 0.375 Progagation Delay** T pd VCIN_VCOUT R VCOUT = 150Ω tied to VS = 2.5V C VCBYP = 1500pF, VCIN steps from 0.175V to 1.50V and back. Measured from 50% of VCIN step to 50% of VCOUT transient 10 ns * Guaranteed by design. **Guaranteed by characterization. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |