Electronic Components Datasheet Search
  English  ▼

X  

SCW03 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SCW03
Description  3W DC-DC Regulated Single Output Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCW03 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SCW03 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2:1 wide input range
4:1 wide input range(option)
1000VDC I/O isolation
3000VDC I/O isolation(option)
Built-in EMI filter
Protections: Short circuit / Overload
Cooling by free air convection
Five-sided shield metal case
100% burn-in test
Low cost / High reliability
Approvals: FCC / CE
2 years warranty
SPECIFICATION
FileName:SCW03-SPEC 2011-03-08
SCW03A-05 SCW03B-05 SCW03C-05 SCW03A-12 SCW03B-12 SCW03C-12 SCW03A-15 SCW03B-15 SCW03C-15
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCURRENT
INPUT
(Note.5)
ENVIRONMENT
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
FILTER
PROTECTION
VOLTAGE ACCURACY
A:9~18VDCB:18~36VDCC:36~72VDC
50KHzmin.
2.0%
0.5%
0.5%
50mVp-p
3W
60~600mA
5V
75%
80%
80%
A:338mA B:167mA
C:83mA
A:18mA
B:10mA
C:5mA
I/P-O/P:1KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
80pFmax.
900khrsmin.MIL-HDBK-217F(25
)
-40~+71
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-40~+105
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
31.8*20.3*12.2mmor1.25"*0.80"*0.48"inch (L*W*H)
15g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 10% to 100% rated load.
5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
74%
Fullload
Noload
Pinetwork
76%
80%
12V
25~250mA
60mVp-p
82%
80%
15V
20~200mA
60mVp-p
82%
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
Features :
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
OVERLOAD
SHORTCIRCUIT
160~250% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithshortcircuit
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
232
223
169
1411
BOTTOMVIEW
15.24(0.60)
20.3(0.80)
12.2(0.48)
2.54(
)
0.10
5.08(
)
0.20
0.6+0.1/-0(0.024)
3.81()
0.15
SIDE
VIEW
100
Ta(
)
-40
0
25
50
71
60
80
100
P i nn o .
O u t p u t
S i n g l e
2&3
9
11
1 4
1 6
2 2&2 3
- V i n
N . C .
N . C .
+ Vo u t
- Vo u t
+ V i n
3WDC-DCRegulatedSingleOutputConverter
S C W 0 3 series
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A
SAFETY &
EMC
PROTECTION
Fuserecommended


Similar Part No. - SCW03

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
3W DC-DC Regulated Single Output Converter
SCW03A-05 MEANWELL-SCW03A-05 Datasheet
216Kb / 1P
3W DC-DC Regulated Single Output Converter
SCW03A-12 MEANWELL-SCW03A-12 Datasheet
216Kb / 1P
3W DC-DC Regulated Single Output Converter
SCW03A-15 MEANWELL-SCW03A-15 Datasheet
216Kb / 1P
3W DC-DC Regulated Single Output Converter
SCW03B-05 MEANWELL-SCW03B-05 Datasheet
216Kb / 1P
3W DC-DC Regulated Single Output Converter
More results

Similar Description - SCW03

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DCW03 MEANWELL-DCW03 Datasheet
210Kb / 1P
3W DC-DC Regulated Dual Output Converter
SCW03 MEANWELL-SCW03 Datasheet
216Kb / 1P
3W DC-DC Regulated Single Output Converter
SPB03 MEANWELL-SPB03 Datasheet
195Kb / 1P
3W DC-DC Regulated Single Output Converter
logo
MORNSUN Science& Techno...
WRB0503T-2W MORNSUN-WRB0503T-2W Datasheet
165Kb / 2P
3W SINGLE OUTPUT DC/DC CONVERTER
logo
Mean Well Enterprises C...
DCW03 MEANWELL-DCW03_11 Datasheet
211Kb / 1P
3W DC-DC Regulated Dual Output Converter
SPB03 MEANWELL-SPB03_11 Datasheet
197Kb / 1P
3W DC-DC Regulated Single Output Converter
logo
GAPTEC Electronic GmbH ...
3D8W GAPTEC-3D8W Datasheet
1Mb / 4P
3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T8W GAPTEC-3T8W Datasheet
1Mb / 4P
3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T14W4 GAPTEC-3T14W4 Datasheet
1Mb / 4P
3W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
3T16WE GAPTEC-3T16WE Datasheet
985Kb / 3P
3W - Single/Dual Output DC-DC Converter - Wide Input - Isolated & Regulated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com