Electronic Components Datasheet Search
  English  ▼

X  

SDS19WMF Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDS19WMF
Description  High Voltage Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDS19WMF Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDS19WMF Datasheet HTML 1Page - KODENSHI_AUK CORP. SDS19WMF Datasheet HTML 2Page - KODENSHI_AUK CORP. SDS19WMF Datasheet HTML 3Page - KODENSHI_AUK CORP. SDS19WMF Datasheet HTML 4Page - KODENSHI_AUK CORP. SDS19WMF Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. date: 25-AUG-10
KSD-D5C045-000
www.auk.co.kr
2 of 5
Absolute Maximum Ratings (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Maximum repetitive peak reverse voltage
VRM
120
V
Continuous reverse voltage
VR
100
V
Maximum average forward rectified current
IO
200
mA
Maximum repetitive peak forward current
IFM
400
mA
Non-repetitive peak forward surge current(t=10ms)
IFSM
1.7
A
Power dissipation
1)
PD
250
mW
1) Device mounted on FR-4 board with recommended pad layout.
Thermal Characteristics (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Thermal resistance, junction to ambient
1)
Rth(j-a)
500
C/W
Operating junction temperature
Tj
150
C
Storage temperature range
Tstg
-55 ~ 150
C
1) Device mounted on FR-4 board with recommended pad layout.
Electrical Characteristics (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Reverse breakdown voltage
VBR
IF=100uA
120
-
-
V
Forward drop voltage
2)
VF
IF=100mA
-
-
1.0
V
IF=200mA
-
-
1.25
V
Reverse leakage current
3)
IR
VR=100V
-
-
100
nA
VR=100V, Ta=150℃
-
-
100
uA
Total capacitance
CT
VR=0V, f=1MHz
-
-
5
pF
Reverse recovery time
trr
IF=IR=30mA,
Irr=3mA, RL=100Ω
-
-
50
ns
2) Pulse test: tP≤380㎲, Duty cycle≤2%
3) Pulse test: tP≤5㎳, Duty cycle≤2%
SDS19WMF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com