Electronic Components Datasheet Search
  English  ▼

X  

SSG4910N Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4910N
Description  Dual-N Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4910N Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4910N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4910N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4910N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4910N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSG4910N
10 A, 30 V, RDS(ON) 13.5 m
Dual-N Enhancement Mode Power MOSFET
Elektronische Bauelemente
06-Jan-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Static
Drain-Source Breakdown Voltage
V(BR)DSS
30
-
-
V
VGS= 0V, ID= 250μA
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS= VGS, ID= 250μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS= 0V, VGS= 20V
Zero Gate Voltage Drain Current
IDSS
-
-
1
μA
VDS= 24V, VGS= 0V
-
-
25
μA
VDS= 24V, VGS= 0V, TJ= 55°C
On-State Drain Current
1
ID(on)
20
-
-
A
VDS= 5V, VGS= 10V
Drain-Source On-Resistance
1
RDS(ON)
-
-
13.5
mΩ
VGS= 10V, ID= 10A
-
-
20
VGS= 4.5V, ID= 8A
-
-
15
VGS= 10V, ID= 15A, TJ= 55°C
Forward Transconductance
1
gfs
-
40
-
S
VDS= 15V, ID= 10A
Diode Forward Voltage
VSD
-
0.7
-
V
IS= 2.3A, VGS= 0V
Pulsed Source Current(BodyDiode)
1
ISM
-
5
-
A
Dynamic
2
Total Gate Charge
Qg
-
20
-
nC
ID= 10A
VDS= 15V
VGS= 5V
Gate-Source Charge
Qgs
-
7.0
-
Gate-Drain Charge
Qgd
-
7.0
-
Turn-On Delay Time
Td(on)
-
20
-
nS
VDD= 25V
ID= 1A
VGEN= 10V
RL= 25Ω
Rise Time
Tr
-
9
-
Turn-Off Delay Time
Td(off)
-
70
-
Fall Time
Tf
-
20
-
Notes:
1
Pulse test:PW ≦ 300
μs duty cycle ≦ 2%.
2
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com