Electronic Components Datasheet Search
  English  ▼

X  

SC1454XIMSTR Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1454XIMSTR
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1454XIMSTR Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1454XIMSTR Datasheet HTML 6Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 7Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 8Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 9Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 10Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 11Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 12Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 13Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ã 2000 Semtech Corp.
www.semtech.com
SC1454
POWER MANAGEMENT
Typical Characteristics (Cont.)
Quiescent Current vs. Junction Temperature
vs. Output Current
Quiescent Current vs. Junction Temperature
vs. Input Voltage
Enable Input Voltage vs. Junction Temperature
vs. Input Voltage
Sense/Select Threshold Voltage vs.
Junction Temperature vs. Input Voltage
Bypass Start-up Rise Time vs. Junction Temperature
vs. Input Voltage
Output Spectral Noise Density vs. Frequency
vs. Bypass Capacitance
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
T
J (°C)
IOUTA = IOUTB = 150mA
Top to bottom:
VIN = 6.5V
VIN = 5V
VIN = 3.8V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
T
J (°C)
VIH @ VIN = 6.5V
VIH @ VIN = 4V
VIL @ VIN = 6.5V
VIL @ VIN = 4V
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
T
J (°C)
VIN = 6.5V
VIN = 3.8V
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
-50
-25
0
25
50
75
100
125
T
J (°C)
CBYP = 10nF
VIN = 6.5V
VIN = 3.8V
0
25
50
75
100
125
150
175
200
-50
-25
0
25
50
75
100
125
T
J (°C)
VIN = 6.5V
IOUTA = IOUTB = 150mA
IOUTA or IOUTB = 150mA
10
100
1000
10000
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
f (Hz)
CBYP = 10nF
CBYP = 100nF
VIN = 2.8V
VOUT = 1.8V
IOUT = 50mA
CIN = 1µF
COUT = 2.2µF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com