Electronic Components Datasheet Search
  English  ▼

X  

SC1462 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1462
Description  HIGH OUTPUT CURRENT CHARGE PUMP DOUBLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1462 Datasheet(HTML) 6 Page - Semtech Corporation

  SC1462 Datasheet HTML 1Page - Semtech Corporation SC1462 Datasheet HTML 2Page - Semtech Corporation SC1462 Datasheet HTML 3Page - Semtech Corporation SC1462 Datasheet HTML 4Page - Semtech Corporation SC1462 Datasheet HTML 5Page - Semtech Corporation SC1462 Datasheet HTML 6Page - Semtech Corporation SC1462 Datasheet HTML 7Page - Semtech Corporation SC1462 Datasheet HTML 8Page - Semtech Corporation SC1462 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SC1462
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH OUTPUT CURRENT
CHARGE PUMP DOUBLER
October 20, 2000
6
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
THEORY OF OPERATION
The SC1462
utilizes a switched capacitor charge
pump, to generate an output voltage approximately
2xVin.
An internal oscillator generates two out of phase
fixed frequency clock signals which turn on and off
internal MOSFET switches. During phase1 of clock,
the flying charge pump capacitor is charged to Vin
through switches S1, and S2. During phase2 the
flying charge pump capacitor is connected in series
with the input voltage via S3, and S4, producing an
output voltage.
SHORT CIRCUIT / SOFT START
An internal current limit and soft start circuit provides
protection against output short circuit and limits large
current spikes generated during the initial start up to
charge output capacitor.
If V
OUT is less than VIN - 200mV, then all
switches are
turned off and V
OUT is charged with a 200mA current
source from V
IN.
When V
OUT reaches VIN - 200mV ,
the current source is disconnected from output and
the charge pump circuitry is enabled again.
OUTPUT CURRENT
The dropout voltage for a charge pump doubler is
defined as 2*Vin-Vout. The maximum output current
is usually specified as that which will not cause the
dropout voltage to exceed the requirements of the
application. The calculation of the dropout voltage is
given in the capacitor selection section on page 7.
Typical dropout voltages versus Iout are graphed on
page 8.
THERMAL SHUTDOWN
The thermal shutdown circuit provides added protec-
tion to the SC1462. During a V
OUT short circuit condi-
tion or if the load is excessive , the over temperature
circuitry will shut down the charge pump if the junction
temperature exceeds approximately 140°C. The
charge pump is enabled only if the junction tempera-
ture drops to approximately 120°C. The SC1462 will
cycle in and out of thermal shut down until the short
circuit or the excessive load condition on Vout is
removed, therby improving device reliability. The junc-
tion temperature can be calculated from the following
formula if the ambient temperature (Ta) and the
charge pump power dissipation (Pdiss) are known.
T
J = Ta + Pdiss * θJA
;
θJA = 230 °C/W
Vout
Vin
Gnd
Gnd
Cin
Cout
C_charge
S1
S4
S3
S2
S1,S2
S3,S4
ON
ON
OFF
OFF
Charge transfer from Cin to C_charge
Charge transfer from (Cin,and C_charge) to Cout
C1+
C1-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com