Electronic Components Datasheet Search
  English  ▼

X  

SC1532 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1532
Description  400mA SmartLDOTM with Internal Pass MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1532 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1532 Datasheet HTML 1Page - Semtech Corporation SC1532 Datasheet HTML 2Page - Semtech Corporation SC1532 Datasheet HTML 3Page - Semtech Corporation SC1532 Datasheet HTML 4Page - Semtech Corporation SC1532 Datasheet HTML 5Page - Semtech Corporation SC1532 Datasheet HTML 6Page - Semtech Corporation SC1532 Datasheet HTML 7Page - Semtech Corporation SC1532 Datasheet HTML 8Page - Semtech Corporation SC1532 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
400mA SmartLDO
TM with Internal Pass
MOSFET
SC1532
January 3, 2000
5
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-25
0
25
50
75
100
125
TJ (°C)
VIN1 = 5V
VIN2 = 3.3V
IO = 20mA to 400mA
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-25
0
25
50
75
100
125
TJ (°C)
VIN1 = 4.3V to 5.5V
IO = 400mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-25
0
25
50
75
100
125
TJ (°C)
VIN1 = 5V
IO = 0mA
VIN2 = 3.6V
VIN2 = 0V
TYPICAL CHARACTERISTICS
Quiescent Current (I
Q1) vs.
Junction Temperature vs. VIN2
0
100
200
300
400
500
600
700
800
-25
0
25
50
75
100
125
TJ (°C)
VIN1 = 0V
VIN1 = 5.5V
VIN2 = 3.3V
IO = 0mA
Quiescent Current (I
Q2) vs.
Junction Temperature vs. VIN1
LDO Line Regulation vs.
Junction Temperature
LDO Load Regulation vs.
Junction Temperature
3.270
3.275
3.280
3.285
3.290
3.295
3.300
3.305
3.310
-25
0
25
50
75
100
125
TJ (°C)
IO = 0mA
IO = 200mA
IO = 400mA
VIN1 = 5V
VIN2 = 3.3V
LDO Output Voltage vs. Junction
Temperature vs. Output Current
0
200
400
600
800
1000
1200
-25
0
25
50
75
100
125
TJ (°C)
VIN1 = 5V
VIN2 = 0V
VO = 0V
LDO Current Limit vs.
Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com