Electronic Components Datasheet Search
  English  ▼

X  

SC1538 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1538
Description  DUAL LINEAR CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1538 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1538 Datasheet HTML 1Page - Semtech Corporation SC1538 Datasheet HTML 2Page - Semtech Corporation SC1538 Datasheet HTML 3Page - Semtech Corporation SC1538 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1999 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
DUAL LINEAR CONTROLLER
SC1538
PRELIMINARY - October 5, 1999
1
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1538 is a dual power supply controller designed
to simplify power management on motherboards. It is
part of Semtech’s Smart LDO™ family of products.
The SC1538CS15/18 can provide a 1.818V power sup-
ply for the I/O plane and a 1.515V power supply for the
GTL+ and AGP planes. The SC1538CS25/25 can pro-
vide two 2.525V supplies for clock and memory.
SC1538 features include Enable controls for each lin-
ear FET controller and over current protection. Over
current protection is provided by feedback to the sense
pins. If any output drops below 1V (typical) for greater
than 4ms (typical), that output will shut down.
The SC1538 is available in a SO-8 surface mount
package.
FEATURES
• Dual power supplies
• 1.515V Supply for GTL+ and AGP planes/1.818V
Supply for chipset I/O and memory termination
• Dual 2.525V supplies for clock and memory
• Individual Enable control of each supply
• Over current protection
APPLICATIONS
• Motherboards
• Simple dual power supplies
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Input Supply Voltage
VIN
-0.5 to +15
V
Input Pins
-0.5 to +7
V
Operating Temperature
Range
T
A
0 to +70
°C
Operating Junction
Temperature
T
J
0 to +125
°C
Storage Temperature
Range
T
STG
-65 to +150
°C
Lead Temperature
(Soldering) 10 Sec
T
LEAD
300
°C
Thermal Temperature
Junction to Ambient
θ
JA
130
°C/W
Thermal Impedance
Junction to Case
θ
JC
47
°C/W
ESD Rating
ESD
2
kV
ORDERING INFORMATION
Part Number
(1)
Output Voltages
Package
SC1538CS15/18
1.515V and 1.818V
SO-8
SC1538CS25/25
2.525V and 2.525V
SO-8
Note:
(1) Add suffix ‘TR’ for tape and reel packaging.
BLOCK DIAGRAM
PIN CONFIGURATION
(SO-8)
Top View


Similar Part No. - SC1538

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1531 SEMTECH-SC1531 Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1531A SEMTECH-SC1531A Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1531ACSTR SEMTECH-SC1531ACSTR Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1531CSTR SEMTECH-SC1531CSTR Datasheet
264Kb / 11P
200mA & 250mA SmartLDOs
SC1532 SEMTECH-SC1532 Datasheet
109Kb / 9P
400mA SmartLDOTM with Internal Pass MOSFET
More results

Similar Description - SC1538

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
DUAL LINEAR FET CONTROLLER
logo
Anachip Corp
AP435L ANACHIP-AP435L Datasheet
156Kb / 5P
Dual Linear Controller With Shutdown
Rev. 0.B Dec. 02, 2002
logo
List of Unclassifed Man...
RT9229 ETC1-RT9229 Datasheet
219Kb / 10P
Advaced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com