Electronic Components Datasheet Search
  English  ▼

X  

T-40C Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # T-40C
Description  40W Triple Output Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

T-40C Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  T-40C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. T-40C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
StaticCharacteristics(B)
FileName:T-40-SPEC2010-10-18
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
+12V
+5V
60
80
120
100
180
200
160
140
220
260
240
13
7
9
8
12
11
10
300
250
200
100
150
50
25
4.8
5.0
5.2
4.4
4.6
4.2
4.0
-12V
-12V
+12V
+5V
Ta=25
-10
0
20
10
30
40
20
40
80
60
100
60
55
50
45
(HORIZONTAL)
(VERTICAL)
DeratingCurve
BlockDiagram
CaseNo.903Unit:mm
fosc:40KHz
CIRCUIT
DETECTION
O.L.P.
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
FILTER
FILTER
&
&
&
RECTIFIERS
RECTIFIERS
RECTIFIERS
+V1
+V2
-V3
COM
I/P
FG
CONTROL
PWM
O.V.P.
TerminalPinNo. Assignment
PinNo.
PinNo.
1
5
2
6
3
7
4
Assignment
Assignment
FG
AC/L
AC/N
DCOUTPUT -V
DCOUTPUT +V1
DCOUTPUT COM
DCOUTPUT +V2
4.5
73.5
122.5
4.5
129
120
6.5
3.5
77
32
3-M
3
7
6
5
4
3
2
1
40W TripleOutputSwitchingPowerSupply
T- 4 0 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com