Electronic Components Datasheet Search
  English  ▼

X  

TKA30 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # TKA30
Description  25W DC-DC Triple Output Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TKA30 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  TKA30 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2:1 wide input range
4:1 wide input range(option)
1000VDC I/O isolation
Built-in EMI filter
Remote ON-OFF control
Protections: Short circuit / Overload
Cooling by free air convection
Six-sided shield metal case
Epoxy encapsulated
100% burn-in test
Approvals: FCC / CE
2 years warranty
SPECIFICATION
FileName:TKA30-SPEC 2011-03-14
TKA30A-B
TKA30B-B
TKA30C-B
TKA30A-C
TKA30B-C
TKA30C-C
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCURRENT
INPUT
(Note.5)
ENVIRONMENT
SAFETY &
EMC
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
REMOTECONTROL
DIMENSION
OTHERS
NOTE
WEIGHT
OVERLOAD
FILTER
SHORTCIRCUIT
PROTECTION
A:9~18VDCB:18~36VDCC:36~72VDC
100KHzmin.
+5V: 2.0%, V : 5.0%
1
+5V: 2.0%, V : 5.0%
1
0.5%
100mVp-p
25W
700~3500mA
62~ 310mA
700~3500mA
50~ 250mA
+5V
12V
+5V
15V
A:2.61A
B:1.27A
C:0.64A
A:40mA
B:18mA
C:10mA
I/P-O/P:1KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
100Khrsmin.MIL-HDBK-217F(25
)
Poweron:R.C~-Vin>4.5~5.5VDCoropen,Poweroff:R.C~-Vin<0.8VDCorshort
-40~+85
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-40~+105
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
50.8*50.8*21.0mmor2"*2"*0.82"inch (L*W*H)
110g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 20% to 100% rated load.
5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
80%
Fullload
Noload
Pinetwork
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
Output
8
7
6
5
5.8(0.23)
1
4 3 2
BOTTOM
VIEW
21(0.82)
SIDE
VIEW
30.48(1.20)
15.24(0.60)
22.9(0.90)
50.8(2.00)
2.5(0.10)
12.7(0.50)
R.C
NoPin
-Vin
+Vin
+Vout
+5V
COM
-Vout
PinNo.
1
2
3
4
5
6
7
8
Features :
110~250% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithshortcircuit
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
SWITCHINGFREQUENCY
VOLTAGE ACCURACY
1.0
+0.2/-0.1
Ta(
)
-40
0
25
50
71 85
80
100
100
25WDC-DC TripleOutputConverter
T K A 3 0 series
82%
82%
1.0%
1.0%
80%
0.5%
82%
82%
1.0%
1.0%
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8,lightindustrylevel,criteria A
PROTECTION
Fuserecommended


Similar Part No. - TKA30

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
25W DC-DC Triple Output Converter
TKA30A-B MEANWELL-TKA30A-B Datasheet
200Kb / 1P
25W DC-DC Triple Output Converter
TKA30A-C MEANWELL-TKA30A-C Datasheet
200Kb / 1P
25W DC-DC Triple Output Converter
TKA30B-B MEANWELL-TKA30B-B Datasheet
200Kb / 1P
25W DC-DC Triple Output Converter
TKA30B-C MEANWELL-TKA30B-C Datasheet
200Kb / 1P
25W DC-DC Triple Output Converter
More results

Similar Description - TKA30

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W????
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
25W Single Output DC-DC Converter
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
25W DC-DC Triple Output Converter
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2 Datasheet
334Kb / 4P
DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
25W Single Output DC-DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com