Electronic Components Datasheet Search
  English  ▼

X  

TP-150C Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # TP-150C
Description  150W Triple Output with PFC Function
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

TP-150C Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  TP-150C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. TP-150C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE(OPTION)
ACCURRENT (Typ.)
90~264VAC127~370VDC
47~63Hz
PF>0.94/230VACPF>0.98/115VACatfullload
2.5A/115VAC1.2A/230VAC
COLDSTART
40A/230V
<3.5mA /240VAC
105~150% ratedoutputpower
5.75~6.75Von+5V
UL60950-1, TUVEN60950-1approved
-10~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
161.6Khrsmin.MIL-HDBK-217F(25
)
199*99*50mm(L*W*H)
0.9Kg;20pcs/19Kg/1.28CUFT
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
150W TripleOutputwithPFCFunction
Universal AC input / Full range
Built-in active PFC function, PF>0.94
Protections: Short circuit / Overload / Over voltage
Forced air cooling by built-in DC fan
Fixed switching frequency at 100KHz
3 years warranty
Features:
T P - 1 5 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC1min.
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC /25
/70%RH
EMICONDUCTION&RADIATION
95
5
(TSW1)
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
FileName:TP-150-SPEC2010-10-18
INPUT
800ms,60ms/230VAC
115VACatfullload
800ms,60ms/
24ms/230VAC
115VACatfullload
24ms/
TP-150A
TP-150B
TP-150C
TP-150D
5V
12V
CH2
CH2
CH2
CH2
-5V
CH3
CH3
CH3
CH3
12V
15V
24V
-12V
-15V
12V
5V
5V
15A
0.6A
5.5A
4.5A
3A
0.6A
0.6A
0.6A
15A
15A
15A
2~20A
0.4~7A
0~1A
0.4~7A
0.4~6A
0.4~4A
0~1A
0~1A
0~1A
2~20A
2~20A
2~20A
150W
148.2W
151.5W
154.2W
100mVp-p
CH1:4.75~5.5V
120mVp-p 100mVp-p
120mVp-p
150mVp-p
150mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
100mVp-p
3.0%
8.0%
6.0%
8.0%
+10,-6%
8.0%
6.0%
6.0%
6.0%
3.0%
3.0%
3.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
3.0%
6.0%
4.0%
6.0%
6.0%
6.0%
4.0%
4.0%
4.0%
3.0%
3.0%
3.0%
75%
77%
77%
78%
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
CH1
CH1
CH1
CH1
OUTPUTNUMBER
..
5V
6A


Similar Part No. - TP-150C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP-150C ASTRODYNE-TP-150C Datasheet
304Kb / 2P
150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150C MEANWELL-TP-150C Datasheet
286Kb / 2P
150W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-150C RSG-TP-150C Datasheet
128Kb / 2P
150W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-150C ASTRODYNE-TP-150C Datasheet
397Kb / 2P
150W Triple Output with PFC Function
logo
Total Power Internation...
TP-150C TOTAL-POWER-TP-150C Datasheet
296Kb / 2P
150W Triple Output with PFC Function
More results

Similar Description - TP-150C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP-150 ASTRODYNE-TP-150 Datasheet
304Kb / 2P
150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-150 MEANWELL-TP-150 Datasheet
286Kb / 2P
150W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-150 RSG-TP-150 Datasheet
128Kb / 2P
150W Triple Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
150W Quad Output with PFC Function
ASP-150 MEANWELL-ASP-150_11 Datasheet
281Kb / 2P
150W Single Output with PFC Function
HRPG-150 MEANWELL-HRPG-150_11 Datasheet
354Kb / 3P
150W Single Output with PFC Function
RSP-150 MEANWELL-RSP-150 Datasheet
146Kb / 2P
150W Single Output with PFC Function
logo
Astrodyne Corporation
TP150 ASTRODYNE-TP150 Datasheet
305Kb / 4P
150W Triple Output with PFC Function
TP150DRL ASTRODYNE-TP150DRL Datasheet
397Kb / 2P
150W Triple Output with PFC Function
logo
Total Power Internation...
TP-150 TOTAL-POWER-TP-150 Datasheet
296Kb / 2P
150W Triple Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com