Electronic Components Datasheet Search
  English  ▼

X  

SC1548 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC1548
Description  Linear Fet Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1548 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC1548 Datasheet HTML 6Page - Semtech Corporation SC1548 Datasheet HTML 7Page - Semtech Corporation SC1548 Datasheet HTML 8Page - Semtech Corporation SC1548 Datasheet HTML 9Page - Semtech Corporation SC1548 Datasheet HTML 10Page - Semtech Corporation SC1548 Datasheet HTML 11Page - Semtech Corporation SC1548 Datasheet HTML 12Page - Semtech Corporation SC1548 Datasheet HTML 13Page - Semtech Corporation SC1548 Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ã 2001 Semtech Corp.
www.semtech.com
SC1548
POWER MANAGEMENT
Typical Characteristics (Cont.)(1)
Trace 1: V
DRV, 1V/div.
Trace 2: V
EN, 2V/div.
Timebase: 500µs/div
t
r » 1ms
Drive Output Rise Time, t
r
Trace 1: V
DRV, 5V/div.
Trace 2: V
EN, 2V/div.
Timebase: 2ms/div
SC1548 enabled into a short, therefore V
OUT < VTH(OC)
immediately the device is enabled. This device shuts
down after 8ms.
Power-up Output Short Circuit Immunity
Drive Output Fall Time, t
f
Trace 1: V
DRV, 1V/div.
Trace 2: V
EN, 2V/div.
Timebase: 100ns/div
t
f » 350ns
Enable Delay Time, t
D(ON)
Trace 1: V
DRV, 1V/div.
Trace 2: V
EN, 2V/div.
Timebase: 250ns/div
t
D(ON) » 550ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com