Electronic Components Datasheet Search
  English  ▼

X  

SDZ12VCG Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDZ12VCG
Description  Small Signal Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ12VCG Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDZ12VCG Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ12VCG Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ12VCG Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ12VCG Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ12VCG Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. date: 13-JUN-11
KSD-D6B038-000
www.auk.co.kr
2 of 5
Electrical Characteristics (Tamb=25℃, Unless otherwise specified)
Type No.
Zener Voltage VZ [V]
Reverse Current IR [uA]
Min.
Typ.
Max.
IZ [mA]
Max.
VR [V]
SDZ3V6CG
3.6
3.813
4.0
40
60
1.0
SDZ3V9CG
3.9
4.136
4.4
40
40
1.0
SDZ4V3CG
4.3
4.572
4.8
40
20
1.0
SDZ4V7CG
4.7
4.924
5.2
40
20
1.0
SDZ5V1CG
5.1
5.368
5.7
40
20
1.0
SDZ5V6CG
5.6
5.856
6.3
40
20
1.5
SDZ6V2CG
6.2
6.509
7.0
40
20
3.0
SDZ6V8CG
6.8
7.280
7.7
40
20
3.5
SDZ7V5CG
7.5
7.889
8.4
40
20
4.0
SDZ8V2CG
8.2
8.655
9.3
40
20
5.0
SDZ9V1CG
9.1
9.747
10.2
40
20
6.0
SDZ10VCG
10.0
10.310
11.2
40
10
7.0
SDZ11VCG
11.0
11.510
12.3
20
10
8.0
SDZ12VCG
12.0
12.500
13.5
20
10
9.0
SDZ13VCG
13.3
13.820
15.0
20
10
10.0
SDZ15VCG
14.7
15.350
16.5
20
10
11.0
SDZ16VCG
16.2
16.860
18.3
20
10
12.0
SDZ18VCG
18.0
19.000
20.3
20
10
13.0
SDZ20VCG
20.0
20.820
22.4
20
10
15.0
SDZ22VCG
22.0
23.850
24.5
10
10
17.0
SDZ24VCG
24.0
25.310
27.6
10
10
19.0
SDZ27VCG
27.0
28.700
30.8
10
10
21.0
SDZ30VCG
30.0
31.570
34.0
10
10
23.0
SDZ33VCG
33.0
34.950
37.0
10
10
25.0
SDZ36VCG
36.0
39.240
40.0
10
10
27.0
※ The Zener voltage (VZ) is measured 40ms after power is supplied.
SDZ6V2CG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com