Electronic Components Datasheet Search
  English  ▼

X  

SC1563 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1563
Description  VERY LOW DROPOUT, LOW QUIESCENT 500mA REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1563 Datasheet(HTML) 6 Page - Semtech Corporation

  SC1563 Datasheet HTML 1Page - Semtech Corporation SC1563 Datasheet HTML 2Page - Semtech Corporation SC1563 Datasheet HTML 3Page - Semtech Corporation SC1563 Datasheet HTML 4Page - Semtech Corporation SC1563 Datasheet HTML 5Page - Semtech Corporation SC1563 Datasheet HTML 6Page - Semtech Corporation SC1563 Datasheet HTML 7Page - Semtech Corporation SC1563 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT, LOW
QUIESCENT 500mA REGULATOR
SC1563
PRELIMINARY - September 11, 2000
6
APPLICATIONS INFORMATION
Introduction
The SC1563 is intended for applications such as
graphics cards where high current capability and very
low dropout voltage are required. It provides a very
simple, low cost solution that uses little pcb real estate
and typically does not require a heatsink. Additional
features include an enable pin to allow for a very low
power consumption standby mode, and a fully ad-
justable output.
Component Selection
Input capacitor - a 1µF ceramic capacitor is recom-
mended. This allows for the device being some dis-
tance from any bulk capacitance on the rail. Addition-
ally, input droop due to load transients is reduced, im-
proving load transient response. Additional capaci-
tance may be added if required by the application.
Output capacitor - a minimum bulk capacitance of 1µF,
along with a 0.1µF ceramic decoupling capacitor is rec-
ommended. Increasing the bulk capacitance will im-
prove the overall transient response. The use of multi-
ple lower value ceramic capacitors in parallel to
achieve the desired bulk capacitance will not cause
stability issues. Although designed for use with ce-
ramic output capacitors, the SC1563 is extremely toler-
ant of output capacitor ESR values and thus will also
work comfortably with tantalum output capacitors.
External voltage selection resistors - the use of 1% re-
sistors, and designing for a current flow
≥ 10µA is rec-
ommended to ensure a well regulated output (thus R2
≤ 120kΩ).
Thermal Considerations
The power dissipation in the SC1563 is approximately
equal to the product of the output current and the input
to output voltage differential:
The absolute worst-case dissipation is given by:
For a typical scenario, VIN = 3.3V ± 5%, VOUT = 2.5V
and I
O = 500mA, therefore:
VIN
(MAX) = 3.465V, VOUT(MIN) = 2.450V and
I
Q(MAX) = 1.75mA,
Thus P
D(MAX) = 0.514W .
Using this figure, and assuming T
A(MAX) = 85°C, we can
calculate the maximum thermal impedance allowable
to maintain T
J ≤ 150°C:
This should be achievable using pcb copper area to aid
in conducting the heat away from the device. Internal
ground/power planes and air flow will also assist in re-
moving heat. For higher ambient temperatures addi-
tional board copper may be required. Use of the avail-
able MSOP-8 package will allow operation at full load
where higher input to output voltage differentials exist.
()
O
D
I
VOUT
VIN
P
•
−
≈
(
)
)
MAX
(
Q
)
MAX
(
)
MAX
(
O
)
MIN
(
)
MAX
(
)
MAX
(
D
I
VIN
I
VOUT
VIN
P
•
+
•
−
=
(
) ()
W
/
C
156
514
.
0
70
150
P
T
T
R
)
MAX
(
D
)
MAX
(
A
)
MAX
(
J
)
MAX
)(
A
J
(
TH
°
=
−
=
−
=
−
MARKING INFORMATION
MSOP-8
SOT-23-5L
63XX = SC1563, voltage option (example: 6318)
yyww = Datecode (example: 0008)
XXXX = Lot number (example: E01102)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com