Electronic Components Datasheet Search
  English  ▼

X  

SDZ18VCG Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDZ18VCG
Description  Small Signal Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ18VCG Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDZ18VCG Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ18VCG Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ18VCG Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ18VCG Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ18VCG Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. date: 13-JUN-11
KSD-D6B038-000
www.auk.co.kr
1 of 5
SDZ6V2CG
ZENER DIODE
Small Signal Zener Diode
Features and Benefits
Silicon planar power zener diode
Small power mold Type
High reliability and very high stability
“Green” device and RoHS compliant device
Applications
Constant voltage regulation
Reference voltage application
Ordering Information
Marking Information
Pinning Information
Pin
Description
Simplified Outline
Graphic Symbol
1
Cathode
2
Anode
Absolute Maximum Ratings (Tamb=25℃, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Power dissipation
1)
PD
1000
mW
Operating junction temperature
TJ
150
C
Storage temperature range
Tstg
-55 to +150
1) Device mounted on FR4 PCB, Single Side Coper, Mounting Pad for 2.5х2.5 mm.
Part Number
Marking Code
Package
Packaging
SDZ6V2CG
SOD-123
Tape & Reel
= Clip Bonding Marking
6V2 = Specific Device Code
□ = Year & Week Code Marking
= Color Band Denote Cathode
6V2
□
SOD-123
6V2
□


Similar Part No. - SDZ18VCG

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDZ18V KODENSHI-SDZ18V Datasheet
155Kb / 5P
ZENER DIODE
SDZ18VD KODENSHI-SDZ18VD Datasheet
158Kb / 5P
Small Signal Zener Diode
SDZ18VG KODENSHI-SDZ18VG Datasheet
260Kb / 5P
Small Signal Zener Diode
SDZ18VWA KODENSHI-SDZ18VWA Datasheet
156Kb / 5P
Small Signal Zener Diode
More results

Similar Description - SDZ18VCG

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDZ3V0Q KODENSHI-SDZ3V0Q Datasheet
151Kb / 5P
Small Signal Zener Diode
SDZ5V1D KODENSHI-SDZ5V1D Datasheet
160Kb / 5P
Small Signal Zener Diode
SDZ6V2D KODENSHI-SDZ6V2D Datasheet
149Kb / 5P
Small Signal Zener Diode
SDZ6V2Z KODENSHI-SDZ6V2Z Datasheet
160Kb / 5P
Small Signal Zener Diode
SDZ6V8 KODENSHI-SDZ6V8 Datasheet
146Kb / 5P
Small Signal Zener Diode
SDZ6V8D KODENSHI-SDZ6V8D Datasheet
160Kb / 5P
Small Signal Zener Diode
SDZ6V8WA KODENSHI-SDZ6V8WA Datasheet
147Kb / 5P
Small Signal Zener Diode
SDZ6V2F KODENSHI-SDZ6V2F Datasheet
161Kb / 5P
Small Signal Zener Diode
SDZ16V KODENSHI-SDZ16V Datasheet
165Kb / 5P
Small Signal Zener Diode
SDZ18VG KODENSHI-SDZ18VG Datasheet
260Kb / 5P
Small Signal Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com