Electronic Components Datasheet Search
  English  ▼

X  

P1686 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # P1686
Description  600KHZ, 3A STEP-DOWN CURRENT MDOE SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1686 Datasheet(HTML) 2 Page - Unisonic Technologies

  P1686 Datasheet HTML 1Page - Unisonic Technologies P1686 Datasheet HTML 2Page - Unisonic Technologies P1686 Datasheet HTML 3Page - Unisonic Technologies P1686 Datasheet HTML 4Page - Unisonic Technologies P1686 Datasheet HTML 5Page - Unisonic Technologies P1686 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P1686
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R103-039.C
PIN CONFIGURATION
SOP-8
HSOP-8
5
6
7
8
4
3
2
1
EN
FB
COMP
SYNC
GND
SW
IN
BST
5
6
7
8
4
3
2
1
EN
FB
COMP
SYNC
GND
SW
IN
BST
PIN DESCRIPTION
PIN NO.
PIN NAME
PIN FUNCTION
1
BST
Providing power to the internal NPN switch. To turn on for this switch the lowest voltage is
2.7V.
2
IN
This PIN delivers all control and power circuitry’s power, and sees high di/dt during
switching. A decoupling capacitor is better to be attached to this pin very closely.
3
SW
This PIN is the emitter of the internal switch and should be connected with the external
freewheeling diode very closely.
4
GND
Almost all voltages are measured with respect to this pin. The decoupling capacitor and the
freewheeling diode is better to be connected to this PIN as short as possible.
5
FB
Input of feedback for adjustable output controllers.
6
COMP
Output of the internal error amplifier and also input of the peak current comparator. To
achieve the specified performance a compensation network is connected to this pin.
7
EN
Chip enable input. EN is high: the regulator switched on; EN is low: off. EN is low: the
regulator is in standby mode, and the input supply current is reduced to a few
microamperes.
8
SYNC
Synchronous control pin used to synchronize the internal oscillator to an external pulse
control signal. But it should be connected to GND when not used.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com