Electronic Components Datasheet Search
  English  ▼

X  

TL432D Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL432D
Description  0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL432D Datasheet(HTML) 1 Page - Unisonic Technologies

  TL432D Datasheet HTML 1Page - Unisonic Technologies TL432D Datasheet HTML 2Page - Unisonic Technologies TL432D Datasheet HTML 3Page - Unisonic Technologies TL432D Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL432D
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R103-040.B
0.8V PRECISION ADJUSTABLE
SHUNT REFERENCE
REGULATORS
DESCRIPTION
The UTC TL432D is a three-terminal adjustable shunt
regulator highly accurate 0.8V band gap reference with 1%, 2%
tolerance.
The device offers thermal stability, wide operating
current (50mA) and an extended temperature range of 0
° to 105°C
for operation in power supply applications.
The UTC TL432D
offers a wide operating voltage range of up to 12V and is an
excellent choice for voltage reference requirements in an isolated
feedback circuit for 3.0V ~ 3.3V switching mode power supplies.
The tight tolerance guarantees a lower design cost for the power
supply manufacturer by virtually eliminating the need for an extra
power supply manufacturing process of the power supply.
FEATURES
* Temperature-Compensated: 50ppm/
°C
* Internal Amplifier with 50mA Capability
* Nominal Temperature Range Extended to 105
°C
* Low Frequency Dynamic Output Impedance:<150mΩ
* Low Output Noise
* Halogen Free
ORDERING INFORMATION
Pin Assignment
Ordering Number
1
2
3
4
5
6
7
8
Package
Packing
TL432DG-AB3-R
R
A
K
-
----
SOT-89
Tape Reel
TL432DG-AE3-R
K
R
A
-
----
SOT-23
Tape Reel
TL432DG-AF5-R
X
X
K
R
A
-
-
-
SOT-25
Tape Reel
TL432DG-T92-B
R
A
K
-
----
TO-92
Tape Box
TL432DG-T92-K
R
A
K
-
----
TO-92
Bulk
TL432DG-S08-R
K
A
A
X
X
A
A
R
SOP-8
Tape Reel
Note: Pin Code: C: Cathode
A: Anode
R: Reference
X: No Connection


Similar Part No. - TL432D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL432D UTC-TL432D Datasheet
167Kb / 3P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D Datasheet
145Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432DG-AB3-R UTC-TL432DG-AB3-R Datasheet
167Kb / 3P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432DG-AB3-R UTC-TL432DG-AB3-R Datasheet
145Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432DG-AE3-R UTC-TL432DG-AE3-R Datasheet
167Kb / 3P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results

Similar Description - TL432D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL432 UTC-TL432 Datasheet
103Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_11 Datasheet
160Kb / 3P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D_11 Datasheet
167Kb / 3P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432D UTC-TL432D_15 Datasheet
145Kb / 4P
0.8V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432_16 Datasheet
177Kb / 6P
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com