Electronic Components Datasheet Search
  English  ▼

X  

TL594 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TL594
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL594 Datasheet(HTML) 2 Page - Unisonic Technologies

  TL594_09 Datasheet HTML 1Page - Unisonic Technologies TL594_09 Datasheet HTML 2Page - Unisonic Technologies TL594_09 Datasheet HTML 3Page - Unisonic Technologies TL594_09 Datasheet HTML 4Page - Unisonic Technologies TL594_09 Datasheet HTML 5Page - Unisonic Technologies TL594_09 Datasheet HTML 6Page - Unisonic Technologies TL594_09 Datasheet HTML 7Page - Unisonic Technologies TL594_09 Datasheet HTML 8Page - Unisonic Technologies TL594_09 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TL594
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R103-031.B
PIN CONFIGURATION
7
6
5
4
3
2
1
14
13
12
10
11
15
16
1IN+
1IN-
FEEDBACK
DTC
CT
RT
GND
2IN+
2IN-
OUTPUT CTRL
C2
VCC
REF
E2
9
C1
E1
PIN NO
PIN NAME
DESCRIPTION
1
1IN+
The noninv input of error amp 1
2
1IN-
The inv input of error amp 1
3
REEDBACK
Input of Feedback PWM Comparator
4
DTC
The deadtime can be set by changing the voltage of this pin
5
CT
A capacitor connected to this pin sets the fixed switching frequency
6
RT
A resistor connected to this pin sets the fixed switching frequency
7
GND
This is gnd pin
8
C1
Collector of output transistors Q1
9
E1
Emitter of output transistors Q1
10
E2
Emitter of output transistors Q2
11
C2
Collector of output transistors Q2
12
VCC
This pin is connected to the IC supply power.
13
Output CTRL
A external signal connect to this pin can control the state of output
14
REF
Internal reference voltage 5V with 1.5% accuracy
15
2IN-
The inv input of error amp 2
16
2IN+
The noninv input of error amp 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com