Electronic Components Datasheet Search
  English  ▼

X  

UB211C Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB211C
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB211C Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UB211C Datasheet HTML 2Page - Unisonic Technologies UB211C Datasheet HTML 3Page - Unisonic Technologies UB211C Datasheet HTML 4Page - Unisonic Technologies UB211C Datasheet HTML 5Page - Unisonic Technologies UB211C Datasheet HTML 6Page - Unisonic Technologies UB211C Datasheet HTML 7Page - Unisonic Technologies UB211C Datasheet HTML 8Page - Unisonic Technologies UB211C Datasheet HTML 9Page - Unisonic Technologies UB211C Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UB211C
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-482.b
OPERATION (Cont.)
4. Discharge Overcurrent Condition (Discharge Overcurrent, Load Short-circuiting)
When a battery in the normal condition is in the status where the voltage of the VM pin is equal to or higher than
the discharge overcurrent detection voltage because the discharge current is higher than the specified value and the
status lasts for the discharge overcurrent detection delay time, the discharge control FET is turned off and
discharging is stopped. This status is called the discharge overcurrent condition.
In the discharge overcurrent condition, the VM pin and VSS pin are shorted by the resistor between VM pin and
VSS pin (RVMS) in the IC. However, the voltage of the VM pin is at the VDD potential due to the load as long as the load
is connected. When the load is disconnected, the VM pin returns to the VSS potential.
This IC detects the condition when the impedance between the EB+ pin and EB− pin (Refer to the typical
application circuit
) increases and is equal to the impedance that enables automatic restoration and the voltage at
the VM pin returns to discharge overcurrent detection voltage (VDIOV) or lower, the discharge overcurrent condition is
restored to the normal condition.
Even if the connected impedance is smaller than automatic restoration level, the UTC UB211C Series will be
restored to the normal status from discharge overcurrent detection status when the voltage at the VM pin becomes
the discharge overcurrent detection voltage (VDIOV) or lower by connecting the charger.
The resistance (RVMD) between the VM pin and VDD pin is not connected in the discharge overcurrent detection
condition.
5. Charge Overcurrent Condition
When a battery in the normal status is in the status where the voltage of the VM pin is lower than the charge
overcurrent detection voltage because the charge current is higher than the specified value and the status lasts for
the charge overcurrent detection delay time, the charge control FET is turned off and charging is stopped. This
status is called the charge overcurrent status.
This IC will be restored to the normal status from the charge overcurrent status when, the voltage at the VM pin
returns to charge overcurrent detection voltage (VCIOV) or higher by removing the charger.
The charge overcurrent detection function does not work in the overdischarge status.
The resistance (RVMD) between the VM pin and VDD pin, and the resistance (RVMS) between the VM pin and
VSS pin are not connected in the charge overcurrent status.
6. 0 V Battery Charging Function “Unavailable”
This function inhibits recharging when a battery that is internally short-circuited (0 V battery) is connected.
When the battery voltage is the 0 V battery charge inhibition battery voltage (V0INH) or lower, the charging control
FET gate is fixed to the EB− pin (Refer to the typical application circuit) voltage to inhibit charging. When the
battery voltage is the 0 V battery charge inhibition battery voltage (V0INH) or higher, charging can be performed.
Caution Some battery providers do not recommend charging for a completely self-discharged battery. Please
ask the battery provider to determine whether to enable or inhibit the 0 V battery charging function.
7. Delay Circuit
(1) The discharge overcurrent detection delay time (tDIOV) and the load short-circuiting detection delay time
(tSHORT) start when the discharge overcurrent detection voltage (VDIOV) is detected. When the load shortcircuiting
detection voltage (VSHORT) is detected over the load short-circuiting detection delay time (tSHORT) after the detection of
discharge overcurrent detection voltage (VDIOV), the UTC UB211C turns the discharging control FET off within tSHORT
from the time of detecting VSHORT.
(2) When any overcurrent is detected and the overcurrent continues for longer than the overdischarge detection
delay time (tDL) without the load being released, the status changes to the power-down status at the point where the
battery voltage falls below overdischarge detection voltage (VDL).
(3) When the battery voltage falls below overdischarge detection voltage (VDL) due to overcurrent, the UTC
UB211C
Series turns the discharging control FET off via overcurrent detection. In this case, if the recovery of the
battery voltage is so slow that the battery voltage after the overdischarge detection delay time is still lower than the
overdischarge detection voltage, UTC UB211C Series shifts to the power-down status.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com