Electronic Components Datasheet Search
  English  ▼

X  

P1595 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # P1595
Description  200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1595 Datasheet(HTML) 6 Page - Unisonic Technologies

  P1595 Datasheet HTML 1Page - Unisonic Technologies P1595 Datasheet HTML 2Page - Unisonic Technologies P1595 Datasheet HTML 3Page - Unisonic Technologies P1595 Datasheet HTML 4Page - Unisonic Technologies P1595 Datasheet HTML 5Page - Unisonic Technologies P1595 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1595
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R103-047.b
FUNCTION DESCRIPTIONS
Pin Functions
Vcc
It provides the IC switching regulator with positive input supply. This pin is used to supply the switching currents
needed by the regulator and a suitable input bypass capacitor must be connected at this pin.
GND
Circuit ground.
SW
Internal switch. The voltage at this pin switches between (+VCC-VSAT) and approximately-0.5V, with a duty cycle
of approximately VOUT / VCC. To minimize coupling to sensitive circuitry, you should minimize the PC board copper
area connected to this pin.
Feedback
Senses the regulated output voltage to complete the feedback loop.
EN
Using logic level signals to allow the switching regulator circuit to be shutdown, which dropping the total input
supply current to approximately 10uA. Shut the regulator down through pulling this pin below a threshold voltage of
approximately 0.5V, turn the regulator on through pulling this pin above 2.0V (up to VCC MAX).
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com