Electronic Components Datasheet Search
  English  ▼

X  

UC3848L-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3848L-S08-R
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3848L-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UC3848L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3848L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3848L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3848L-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3848L-S08-R Datasheet HTML 7Page - Unisonic Technologies UC3848L-S08-R Datasheet HTML 8Page - Unisonic Technologies UC3848L-S08-R Datasheet HTML 9Page - Unisonic Technologies UC3848L-S08-R Datasheet HTML 10Page - Unisonic Technologies UC3848L-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
UC3848
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R103-033.F
FUNCTIONAL DESCRIPTION(Cont.)
(4) Frequency Hopping For EMI Improvement
The Frequency hopping is implemented in the IC; there are two oscillators built-in the IC. The first oscillator
is to set the normal switching frequency; the switching frequency is modulated with a period signal generated by the
2nd oscillator. The relation between the first oscillator and the 2nd oscillator as followed FIG.5. So the tone energy is
evenly spread out, the spread spectrum minimizes the conduction band EMI and therefore eases the system design
in meeting stringent EMI requirement.
FIG.5 Frequency Hopping
(5) Constant Output Power Limit
When the SENSE voltage, across the sense resistor RS, reaches the threshold voltage, around 0.8V, the output
GATE drive will be turned off after a small propagation delay tD. This propagation delay will introduce an additional
current proportional to tD×VIN/Lp. Since the propagation delay is nearly constant regardless of the input line voltage
VIN. Higher input line voltage will result in a larger additional current and hence the output power limit is also higher
than that under low input line voltage. To compensate this variation for wide AC input range, the threshold voltage is
adjusted by the VIN current. Since VIN pin is connected to the rectified input line voltage through a resistor RVIN, a
higher line voltage will generate higher VIN current into the VIN pin. The threshold voltage is decreased if the VIN
current is increased. Smaller threshold voltage, forces the output GATE drive to terminate earlier, thus reduce the
total PWM turn-on time and make the output power equal to that of low line input. This proprietary internal
compensation ensures a constant output power limit for wide AC input voltage from 90VAC to 264VAC.
(6) Driver Output Section
The driver-stage drives the gate of the MOSFET and is optimized to minimize EMI and to provide high circuit
efficiency. This is done by reducing the switch on slope when reaching the MOSFET threshold. This is achieved by a
slope control of the rising edge at the driver’s output. The output driver is clamped by an internal 15V Zener diode in
order to protect power MOSFET transistors against undesirable gate over voltage.
(7) Protection section
The IC takes on more protection functions such as OLP, OVP and OTP etc. In case of those failure modes for
continual blanking time, the driver is shut down. At the same time, IC enters auto-restart, VCC power on and driver is
reset after VCC power on again.
OTP
OTP will shut down driver when junction temperature TJ>T (THR) for continual a blanking time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com