Electronic Components Datasheet Search
  English  ▼

X  

UC3848 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC3848
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3848 Datasheet(HTML) 2 Page - Unisonic Technologies

  UC3848 Datasheet HTML 1Page - Unisonic Technologies UC3848 Datasheet HTML 2Page - Unisonic Technologies UC3848 Datasheet HTML 3Page - Unisonic Technologies UC3848 Datasheet HTML 4Page - Unisonic Technologies UC3848 Datasheet HTML 5Page - Unisonic Technologies UC3848 Datasheet HTML 6Page - Unisonic Technologies UC3848 Datasheet HTML 7Page - Unisonic Technologies UC3848 Datasheet HTML 8Page - Unisonic Technologies UC3848 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
UC3848
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R103-033.F
PIN CONFIGURATION
OUT
VCC
VREF
VIN
CS
FB
SS 1
2
3
4
8
7
6
5 GND
PIN DESCRIPTION
PIN NO.
SYMBOL
FUNCTION
1
SS
Soft-start
2
FB
Feedback
3
CS
Controller current sense input
4
VIN
Connected RVIN to line voltage compensating VCSTH,and providing constant output
power limiting for universal AC input Range
5
GND
Ground
6
OUT
Output to the gate of external power MOS
7
VCC
Supply voltage
8
VREF
Inter Reference Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com