Electronic Components Datasheet Search
  English  ▼

X  

SC2422 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2422
Description  BIPHASE CURRENT MODE CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2422 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2422 Datasheet HTML 2Page - Semtech Corporation SC2422 Datasheet HTML 3Page - Semtech Corporation SC2422 Datasheet HTML 4Page - Semtech Corporation SC2422 Datasheet HTML 5Page - Semtech Corporation SC2422 Datasheet HTML 6Page - Semtech Corporation SC2422 Datasheet HTML 7Page - Semtech Corporation SC2422 Datasheet HTML 8Page - Semtech Corporation SC2422 Datasheet HTML 9Page - Semtech Corporation SC2422 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SC2422A
BIPHASE CURRENT MODE
CONTROLLER
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PRELIMINARY - August 7, 2000
7
Applications Information
The SC2422A is an Input Current Mode Controller de-
signed for High Current, High performance two phase
DC/DC converters. The Current mode control is imple-
mented by generating the PWM ramp from the Input
Current, rather than the output current. This has the
advantage of eliminating the output current sense re-
sistors, and the power loss associated with output cur-
rent sensing. Eliminating the output current sense re-
sistors has the added advantage of improving the tran-
sient response by reducing the output impedance.
The output voltage is programmed via a 5-bit DAC in
32 steps. A novel technique allows programmable
DAC step size and output offset, allowing the SC2422A
based DC/DC converters to work in VRM9.0, VRM 8.3,
VRM8.4, VRM8.5 or future specified voltage ranges.
Theory of Operation
Pulse by Pulse Current Matching
The operation of the Input Current Mode, ICM, is as
follows:
The SC2422A Oscillator generates the OUT1 and
OUT2 logic output drives. OUT1 and OUT2 are non-
overlapping and sequentially command an external,
power MOSFET driver to turn on the Top MOSFETs.
When the Top MOSFET is enhanced (each phase),
the input voltage is impressed across the MOSFET
and the output Inductor. The AC current in the inductor
is:
Where F is the frequency (per phase) and L is the out-
put inductor. D is the duty cycle and is approximately
equal to V
O/VIN. The approximation arises from the
fact that the Duty cycle extends slightly to compensate
for losses in the current path. These losses include
RDS_ON of the MOSFET, the Equivalent Series Re-
sistance of the Inductors and the PCB trace resis-
tances.
The inductor current flows in the input current sense
resistor, generating a PWM ramp, same as in all cur-
rent mode controllers. The ramp is compared with an
amplified, level shifted and filtered version of the output
voltage at the PWM comparator. The comparator then
outputs a gate drive pulse that terminates when the
ramp voltage equals the error amplifier output signal.
The current mode control is inherently immune to input
voltage changes because the ramp amplitude reflects
the input voltage changes.
Since the input current sense resistor is the same for
both phases, the inherent inaccuracy due to mismatch
between output current sense resistors is avoided.
Also, since the comparator threshold is the same for
both phases, accurate current matching is achieved
between phases. This implements a pulse by pulse
current matching with a faster response to changes in
output current by monitoring the input current for each
phase.
Programming the SC2422A
Figure 2 below, is the connection schematic for the In-
ternal Error Amplifier.
Figure 2: Error amplifier connections
The external components, R
I, ROS and RF set the DAC
step size, output voltage offset and droop, accordingly.
A resistor from R
REF (pin 8)
to ground programs the
frequency as well as the DAC current step size.
Programming the Switching Frequency
The oscillator frequency can be selected first by setting
the value of R
REF resistor (pin 8) to ground.
The switching frequency per phase is 1/2 of the above
oscillator frequency.
FxL
D
x
)
V
V
(
L
T
x
)
V
V
(
IL
OUT
IN
ON
OUT
IN
−
=
−
=
V
12
V
R
kHz
500
*
k
13
f
IN
REF
OSC
=
Ω
=
BGOUT (P15)
ERROUT(P6)
VOUT
FB(P7)
Ccomp
+
-
Ri
3K
Ros
Rf
Rcomp
E/A
Vid0
Io
Vid4
Bandgap
1.5V
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com