Electronic Components Datasheet Search
  English  ▼

X  

UPS701 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UPS701
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPS701 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UPS701 Datasheet HTML 4Page - Unisonic Technologies UPS701 Datasheet HTML 5Page - Unisonic Technologies UPS701 Datasheet HTML 6Page - Unisonic Technologies UPS701 Datasheet HTML 7Page - Unisonic Technologies UPS701 Datasheet HTML 8Page - Unisonic Technologies UPS701 Datasheet HTML 9Page - Unisonic Technologies UPS701 Datasheet HTML 10Page - Unisonic Technologies UPS701 Datasheet HTML 11Page - Unisonic Technologies UPS701 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
UPS701
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R119-012.D
TYPICAL CHARACTERISTICS
Feedback Voltage During Loadjump From
10% Up To 100% Load (VAC=90V)
Feedback Voltage During Loadjump From
10% Up To 100% Load (VAC=264V)
Startup With Full Load Condition at
VAC=90V, VSS and VOUT
Startup With Full Load Condition at
VAC=264, VSS and VOUT
Startup Behavior At Nominal Load
Condition VAC=90V
Startup Behavior At Nominal Load
Condition VAC=264V
0
2000
0
-2V
2V
Time (400μs/div)
4V
6V
8V
10V
12V
0
-2V
2V
4V
6V
8V
10V
12V
Time (10ms/div)
050
100
0
2V
4V
0
2V
4V
Time (10ms/div)
050
100
Time (4ms/div)
020
40
0
2V
4V
0
2V
4V
Time (4ms/div)
020
40
0
2V
4V
0
2V
4V
4000
0
2000
Time (400μs/div)
4000
6V
8V
6V
8V
VSS
VOUT
VSS
VOUT
6V
8V
0
2V
4V
0
2V
4V
6V
8V
VSS
VOUT
VSS
VOUT
VSS
VFB
VSS
VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com