Electronic Components Datasheet Search
  English  ▼

X  

SC431 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC431
Description  ADJUSTABLE SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC431 Datasheet(HTML) 5 Page - Semtech Corporation

  SC431 Datasheet HTML 1Page - Semtech Corporation SC431 Datasheet HTML 2Page - Semtech Corporation SC431 Datasheet HTML 3Page - Semtech Corporation SC431 Datasheet HTML 4Page - Semtech Corporation SC431 Datasheet HTML 5Page - Semtech Corporation SC431 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SC431
© 1998 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
ADJUSTABLE SHUNT REGULATOR
April 13, 1998
5
TYPICAL CHARACTERISTICS (Cont.)
Test Circuit For Small-Signal
Gain and Phase Shift
APPLICATION CIRCUIT
Notes for Application Circuit:
1) Set V
OUT according to the following equation:
2) Choose the value for R as follows:
The maximum limit for R should be such that the
cathode current, I
Z, is greater than the minimum
operating current (100µA) at V
IN(min).
The minimum limit for R should be such that I
Z
does not exceed 150mA under all load conditions,
and the instantaneous turn-on value for I
Z does not
exceed 200mA. Both of the following conditions
must be met:
(to limit instantaneous turn-on I
Z)
(to limit I
Z under normal
operating conditions)
1
R
I
2
R
1
R
1
V
V
REF
REF
OUT
+
 +
=
mA
200
V
R
(max)
IN
min
mA
150
I
V
V
R
(min)
OUT
OUT
(max)
IN
min
+
-20
-10
0
10
20
30
40
50
60
70
80
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
f (Hz)
-630
-585
-540
-495
-450
-405
-360
-315
-270
-225
-180
IZ = 10mA
TA = 25°C
Small-Signal Gain and Phase Shift
vs. Frequency
0.01
0.1
1
10
100
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
f (Hz)
IZ = 10mA
TA = 25°C
Reference Impedance
vs. Frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com