Electronic Components Datasheet Search
  English  ▼

X  

SDZ15VG Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SDZ15VG
Description  Small Signal Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDZ15VG Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SDZ15VG Datasheet HTML 1Page - KODENSHI_AUK CORP. SDZ15VG Datasheet HTML 2Page - KODENSHI_AUK CORP. SDZ15VG Datasheet HTML 3Page - KODENSHI_AUK CORP. SDZ15VG Datasheet HTML 4Page - KODENSHI_AUK CORP. SDZ15VG Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. date: 17-NOV-10
KSD-D6B022-003
www.auk.co.kr
2 of 5
Electrical Characteristics (T
amb=25℃, Unless otherwise specified)
Device
Marking
Info.
VZ
ZZT
ZZK
IR
@ IZT
Min
Max
Max
@ IZT
Max
@ IZK
Max
@ VR
mA
V
Ω
mA
Ω
mA
µA
V
SDZ3V0G
3V0
20
2.85
3.15
29
20
1600
0.25
50
1.0
SDZ3V3G
3V3
20
3.14
3.50
28
20
1600
1.0
25
1.0
SDZ3V6G
3V6
20
3.42
3.78
24
20
1700
0.25
15
1.0
SDZ3V9G
3V9
20
3.71
4.10
23
20
1900
0.25
5
1.0
SDZ5V1G
5V1
20
4.94
5.20
17
20
1600
0.25
5
1.5
SDZ5V6G
5V6
20
5.45
5.73
40
20
500
1.0
5
2.5
SDZ6V2G
6V2
20
6.08
6.35
7
20
1600
0.25
5
4.0
SDZ6V8G
6V8
20
6.66
7.01
15
20
75
1.0
1.8
4.0
SDZ7V5G
7V5
20
7.29
7.67
6
20
500
0.25
3
6.0
SDZ8V2G
8V2
20
8.04
8.40
15
20
120
1.0
0.7
5.0
SDZ9V1G
9V1
20
8.85
9.28
10
20
600
0.25
3
7.0
SDZ12VG
12V
10
11.44
12.24
25
10
150
1.0
0.2
9.0
SDZ13VG
13V
10
12.70
13.30
30
10
160
1.0
0.2
10.0
SDZ15VG
15V
8.5
14.25
15.75
16
8.5
600
0.25
0.1
11.0
SDZ16VG
16V
10
15.64
16.38
40
10
188
1.0
0.2
12.0
SDZ18VG
18V
7.0
16.80
19.10
21
7.0
600
0.25
0.1
14.0
SDZ20VG
20V
6.2
19.00
21.00
25
6.2
600
0.25
0.1
15.0
SDZ24VG
24V
5.2
22.80
25.20
33
5.2
600
0.25
0.1
18.0
SDZ28VG
28V
4.5
26.60
29.40
44
4.5
600
0.25
0.1
21.0
SDZ30VG
30V
4.2
28.50
31.50
49
4.2
600
0.25
0.1
23.0
SDZ33VG
33V
3.8
31.35
34.65
58
3.8
700
0.25
0.1
25.0
SDZ36VG
36V
3.4
34.2
37.8
70
3.4
700
0.25
0.1
27.0
SDZ15VG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com