Electronic Components Datasheet Search
  English  ▼

X  

SD12C Datasheet(PDF) 1 Page - Semtech Corporation

Part # SD12C
Description  Single Line TVS Diode for ESD Protection in Portable Electronics?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SD12C Datasheet(HTML) 1 Page - Semtech Corporation

  SD12C Datasheet HTML 1Page - Semtech Corporation SD12C Datasheet HTML 2Page - Semtech Corporation SD12C Datasheet HTML 3Page - Semtech Corporation SD12C Datasheet HTML 4Page - Semtech Corporation SD12C Datasheet HTML 5Page - Semtech Corporation SD12C Datasheet HTML 6Page - Semtech Corporation SD12C Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SD05C THRU SD24C
Single Line TVS Diode for ESD
Protection in Portable Electronics
Description
Features
Schematic & PIN Configuration
Revision 9/2000
Applications
Mechanical Characteristics
The SDxxC TVS diodes are designed to replace multi-
layer varistors (MLVs) in portable applications such as
cell phones, notebook computers, and PDA’s. They
offer superior electrical characteristics such as lower
clamping voltage and no device degradation when
compared to MLVs. The SDxxC series TVS diodes are
designed to protect sensitive semiconductor compo-
nents from damage or upset due to electrostatic
discharge (ESD) and other voltage induced transient
events.
The SDxxC is in a SOD-323 package and will protect
one bidirectional line. They are available with working
voltages of 5 - 24 volts. These devices will fit on the
same PCB pad area as an 0805 MLV device. They give
the designer the flexibility to protect one line in applica-
tions where arrays are not practical. Additionally, it
may be “sprinkled” around the board in applications
where board space is at a premium.
They may may be used to meet the ESD immunity
requirements of IEC 61000-4-2, Level 4 (15kV air, 8kV
contact discharge).
u 350 Watts peak pulse power (tp = 8/20µs)
u Transient protection for data lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20µs)
u Small package for use in portable electronics
u Suitable replacement for MLV’s in ESD protection
applications
u Protects one I/O or power line
u Low clamping voltage
u Working voltages: 5V, 12V, 15V, 24V
u Low leakage current
u Solid-state silicon avalanche technology
u EIAJ SOD-323 package
u Molding compound flammability rating: UL 94V-0
u Marking : Marking code
u Packaging : Tape and Reel per EIA 481
u Cell Phone Handsets and Accessories
u Microprocessor based equipment
u Personal Digital Assistants (PDA’s)
u Notebooks, Desktops, & Servers
u Portable Instrumentation
u Pagers
u Peripherals
SOD-323 (Top View)
12


Similar Part No. - SD12C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SD12C LEIDITECH-SD12C Datasheet
125Kb / 3P
Set-top box and digital TV
logo
Shanghai Semitech Semic...
SD12C SEMITECH-SD12C Datasheet
126Kb / 3P
Unidirectional Configurations
logo
Galaxy Semi-Conductor H...
SD12C BILIN-SD12C Datasheet
211Kb / 5P
Single Line TVS Diode for ESD
Rev.A 6100-4-2
logo
Thinki Semiconductor Co...
SD12C THINKISEMI-SD12C Datasheet
903Kb / 5P
350W Discrete Bi-directional Surface Mount TVS Diode for ESD
logo
SHIKUES Electronics
SD12C SKTECHNOLGY-SD12C Datasheet
709Kb / 3P
Bidirectional TVS Diodes
More results

Similar Description - SD12C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05GBUSC KEC-PG05GBUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
PG05TBUL2 KEC-PG05TBUL2 Datasheet
472Kb / 2P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com