Electronic Components Datasheet Search
  English  ▼

X  

SN317PI Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SN317PI
Description  [ 1.5 A Adjustable Output ] Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN317PI Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SN317PI Datasheet HTML 1Page - KODENSHI_AUK CORP. SN317PI Datasheet HTML 2Page - KODENSHI_AUK CORP. SN317PI Datasheet HTML 3Page - KODENSHI_AUK CORP. SN317PI Datasheet HTML 4Page - KODENSHI_AUK CORP. SN317PI Datasheet HTML 5Page - KODENSHI_AUK CORP. SN317PI Datasheet HTML 6Page - KODENSHI_AUK CORP. SN317PI Datasheet HTML 7Page - KODENSHI_AUK CORP. SN317PI Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-I0O009-000
2
October, 2010 REV. 00
◈ Pin Configuration
◈ Standard Application
D2PAK
1: Adj.
2: VOUT
3: VIN
4: VOUT
2
1
3
4
1
2
3
TO-220F-3L
1: Adj.
2: VOUT
3: VIN
SN317x
Ci is required if regulator is located an appreciable distance from power supply filter.
Co is not needed for stability, however, it is necessary to improve transient response.
Since IAdj is controlled to less than 0.1mA, the error associated with this term is insignificant
in most applications.
VOUT = Vref(1.25V) ×( 1+R2/R1)+IadjR2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com