Electronic Components Datasheet Search
  English  ▼

X  

BC307B Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC307B
Description  Amplifier Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC307B Datasheet(HTML) 2 Page - ON Semiconductor

  BC307B Datasheet HTML 1Page - ON Semiconductor BC307B Datasheet HTML 2Page - ON Semiconductor BC307B Datasheet HTML 3Page - ON Semiconductor BC307B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC307B
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −2.0 mAdc, IB = 0)
V(BR)CEO
−45
−
−
Vdc
Emitter−Base Breakdown Voltage
(IE = −100 mAdc, IC = 0)
V(BR)EBO
−5.0
−
−
Vdc
Collector−Emitter Leakage Current
(VCES = −50 V, VBE = 0)
(VCES = −50 V, VBE = 0) TA = 125°C
ICES
−
−
−0.2
−0.2
−15
−4.0
nAdc
mA
ON CHARACTERISTICS
DC Current Gain
(IC = −10 mAdc, VCE = −5.0 Vdc)
(IC = −2.0 mAdc, VCE = −5.0 Vdc)
(IC = −100 mAdc, VCE = −5.0 Vdc)
hFE
−
200
−
150
290
180
−
460
−
−
Collector−Emitter Saturation Voltage
(IC = −10 mAdc, IB = −0.5 mAdc)
(IC = −10 mAdc, IB = see Note 1)
(IC = −100 mAdc, IB = −5.0 mAdc)
VCE(sat)
−
−
−
−0.10
−0.30
−0.25
−0.3
−0.6
−
Vdc
Base −Emitter Saturation Voltage
(IC = −10 mAdc, IB = −0.5 mAdc)
(IC = −100 mAdc, IB = −5.0 mAdc)
VBE(sat)
−
−
−0.7
−1.0
−
−
Vdc
Base−Emitter On Voltage
(IC = −2.0 mAdc, VCE = −5.0 Vdc)
VBE(on)
−0.55
−0.62
−0.7
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −10 mAdc, VCE = −5.0 Vdc, f = 100 MHz)
fT
−
280
−
MHz
Common Base Capacitance
(VCB = −10 Vdc, IC = 0, f = 1.0 MHz)
Ccbo
−
−
6.0
pF
Noise Figure
(IC = −0.2 mAdc, VCE = −5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz)
NF
−
2.0
10
dB
1. IC = −10 mAdc on the constant base current characteristic, which yields the point IC = −11 mAdc, VCE = −1.0 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com