Electronic Components Datasheet Search
  English  ▼

X  

BC490 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC490
Description  High Current Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC490 Datasheet(HTML) 1 Page - ON Semiconductor

  BC490 Datasheet HTML 1Page - ON Semiconductor BC490 Datasheet HTML 2Page - ON Semiconductor BC490 Datasheet HTML 3Page - ON Semiconductor BC490 Datasheet HTML 4Page - ON Semiconductor BC490 Datasheet HTML 5Page - ON Semiconductor BC490 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 3
1
Publication Order Number:
BC490/D
BC490
High Current Transistors
PNP Silicon
Features
• This is a Pb−Free Device*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
VCEO
−80
Vdc
Collector − Base Voltage
VCBO
−80
Vdc
Emitter − Base Voltage
VEBO
−4.0
Vdc
Collector Current − Continuous
IC
−1.0
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
COLLECTOR
1
2
BASE
3
EMITTER
http://onsemi.com
BC490G
TO−92
(Pb−Free)
5000 Units / Bulk
1 2
3
STRAIGHT LEAD
BULK PACK
TO−92
CASE 29
STYLE 17
MARKING DIAGRAM
BC
490
AYWW
G
G
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - BC490

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
249Kb / 6P
High Current Transistors(PNP Silicon)
1996
logo
Micro Electronics
BC490 MICRO-ELECTRONICS-BC490 Datasheet
139Kb / 1P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
ON Semiconductor
BC490 ONSEMI-BC490 Datasheet
74Kb / 6P
High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC490A MOTOROLA-BC490A Datasheet
249Kb / 6P
High Current Transistors
More results

Similar Description - BC490

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
High Current Transistors
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
High Current Transistors
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
High Current Transistors
logo
ON Semiconductor
BC636 ONSEMI-BC636 Datasheet
56Kb / 4P
High Current Transistors
June, 2000 ??Rev. 1
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
High Current Transistors
March, 2007 ??Rev. 0
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
High Current Transistors
March, 2007 ??Rev. 0
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
High Current Transistors
February, 2011 ??Rev. 1
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
High Current Transistors
June, 2011 ??Rev. 1
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
High Current Transistors
March, 2007 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com