Electronic Components Datasheet Search
  English  ▼

X  

SM15 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SM15
Description  TVS Diode Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SM15 Datasheet(HTML) 2 Page - Semtech Corporation

  SM15 Datasheet HTML 1Page - Semtech Corporation SM15 Datasheet HTML 2Page - Semtech Corporation SM15 Datasheet HTML 3Page - Semtech Corporation SM15 Datasheet HTML 4Page - Semtech Corporation SM15 Datasheet HTML 5Page - Semtech Corporation SM15 Datasheet HTML 6Page - Semtech Corporation SM15 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SM05 THRU SM36
Absolute Maximum Rating
Electrical Characteristics
5
0
M
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
ti
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
5V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=6
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
5
=0
2A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
,
A
1
=
s
µ
0
2
/
8
=
p
t
8
.
9V
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
m
u
m
i
x
a
MI
p
p
s
µ
0
2
/
8
=
p
t7
1A
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
2
o
t
1
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
0
5
3F
p
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
d
n
a
3
o
t
1
n
i
P
3
o
t
2
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
0
0
4F
p
g
n
it
a
Rl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
)
s
µ
0
2
/
8
=
p
t(
r
e
w
o
P
e
s
l
u
P
k
a
e
PP
k
p
0
0
3s
tt
a
W
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
q
A
J
6
5
5W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
LT
L
).
c
e
s
0
1
(
0
6
2C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-C
°
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-C
°
2
1
M
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
ti
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
2
1V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=3
.
3
1V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
2
1
=1
A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
,
A
1
=
s
µ
0
2
/
8
=
p
t
9
1V
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
m
u
m
i
x
a
MI
p
p
s
µ
0
2
/
8
=
p
t2
1A
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
2
o
t
1
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
0
2
1F
p
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
d
n
a
3
o
t
1
n
i
P
3
o
t
2
n
i
P
V
R
z
H
M
1
=
f
,
V
0
=
0
5
1F
p



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com